Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9902A Datasheet(PDF) 1 Page - Burland Technology Solutions

Part # 9902A
Description  Floor socket: 9902A
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURLAND [Burland Technology Solutions]
Direct Link  https://www.burland.com/
Logo BURLAND - Burland Technology Solutions

9902A Datasheet(HTML) 1 Page - Burland Technology Solutions

  9902A Datasheet HTML 1Page - Burland Technology Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Floor socket: 9902A
Specification:
Item No:
9902A
Product line:
Floor socket
Units:
2
Mounting (qty):
2x SCHUKO socket with VDE certification
Construction:
Round
Ground:
• Suitable for screed
• Suitable for hollow floor
Type of inst.:
Flush mounted
Lid character.:
• Own floor covering applicable
• Removable
• Closable with plugged in plugs
Floor cover. recess: 5mm
Environment:
Dry to moist
Protection:
IP20
EAN:
4058796001301
Technical data:
Material:
• Frame made of solid aluminum
• Housing made of solid aluminum
• Lid made of solid aluminum
• Equipment carrier made of aluminum
Colour:
Aluminum (nature)
Surface:
Anodised
Weight:
1100g
Dimensions:
ø 170 x 70mm
Install. Dim.:
ø 150 x 70mm
Supply line:
2x back; 2x bottom; Ø 25mm
Load:
200kg
Features:
Delivery cond.:
Complete and pre-assembled
Opt. attachments:
Item No. 9902 - Plastic insert


Similar Part No. - 9902A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9902 BELDEN-9902 Datasheet
145Kb / 2P
Transceiver 10BASE5, #20-5pr, FPO, Isolated Shields, PVC Jkt, CM
05-05-2023
logo
Keystone Electronics Co...
9902 KEYSTONE-9902 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
9902 KEYSTONE-9902 Datasheet
270Kb / 1P
PHILIPS PAN HEAD SCREW
logo
Belden Inc.
9902.E4X1000 BELDEN-9902.E4X1000 Datasheet
145Kb / 2P
Transceiver 10BASE5, #20-5pr, FPO, Isolated Shields, PVC Jkt, CM
05-05-2023
9902.E4X500 BELDEN-9902.E4X500 Datasheet
145Kb / 2P
Transceiver 10BASE5, #20-5pr, FPO, Isolated Shields, PVC Jkt, CM
05-05-2023
More results

Similar Description - 9902A

ManufacturerPart #DatasheetDescription
logo
Bertech.
AFV BERTECH-AFV Datasheet
170Kb / 1P
ESD Floor Runners and Kits
logo
Burland Technology Solu...
2003B BURLAND-2003B Datasheet
370Kb / 1P
Floor box system: 2003B
2003Q BURLAND-2003Q Datasheet
316Kb / 1P
Floor box system: 2003Q
2004Q BURLAND-2004Q Datasheet
570Kb / 1P
Floor box : 2004Q
2008B BURLAND-2008B Datasheet
260Kb / 1P
Floor box system: 2008B
3202E BURLAND-3202E Datasheet
296Kb / 1P
Floor socket: 3202E
3301E BURLAND-3301E Datasheet
273Kb / 1P
Floor socket: 3301E
3303E BURLAND-3303E Datasheet
272Kb / 1P
Floor socket: 3303E
8906B BURLAND-8906B Datasheet
400Kb / 1P
Floor box system: 8906B
9904A BURLAND-9904A Datasheet
362Kb / 1P
Floor socket: 9904A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com