Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADU Datasheet(PDF) 2 Page - Burland Technology Solutions

Part # ADU
Description  Chameleon ADU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURLAND [Burland Technology Solutions]
Direct Link  https://www.burland.com/
Logo BURLAND - Burland Technology Solutions

ADU Datasheet(HTML) 2 Page - Burland Technology Solutions

  ADU Datasheet HTML 1Page - Burland Technology Solutions ADU Datasheet HTML 2Page - Burland Technology Solutions ADU Datasheet HTML 3Page - Burland Technology Solutions ADU Datasheet HTML 4Page - Burland Technology Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Chameleon ADU
e
Link™
The new eLink™ Chameleon Above Desk Unit (ADU) is a
breakthrough in power and networking aesthetics.
It comes supplied as standard with 2 x UK BS1363 power outlets each protected
with 5A CBE combined switch and circuit breakers, 2 x high output USB
charging ports and two accessory ports in the legs which allow the insertion
of a keystone RJ45 Cat6, HDMI or data USB. Power infeed is 800mm black PVC
cable to GST18/3 male plug.
Switch to eLink™ Chameleon and feel the power.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com