Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS-PC935 Datasheet(PDF) 5 Page - Burland Technology Solutions

Part # BTS-PC935
Description  Guards against accidental disconnection of Computers, PDU’s, Servers and most Network Devices.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURLAND [Burland Technology Solutions]
Direct Link  https://www.burland.com/
Logo BURLAND - Burland Technology Solutions

BTS-PC935 Datasheet(HTML) 5 Page - Burland Technology Solutions

  BTS-PC935 Datasheet HTML 1Page - Burland Technology Solutions BTS-PC935 Datasheet HTML 2Page - Burland Technology Solutions BTS-PC935 Datasheet HTML 3Page - Burland Technology Solutions BTS-PC935 Datasheet HTML 4Page - Burland Technology Solutions BTS-PC935 Datasheet HTML 5Page - Burland Technology Solutions BTS-PC935 Datasheet HTML 6Page - Burland Technology Solutions BTS-PC935 Datasheet HTML 7Page - Burland Technology Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Product Code
Cable Length
Cable Colour
UK 5 Amp fused plug, H05VV-F 3 X 1.00 mm2 to C13 IEC Lock+
BTS-PC1544
2000mm
Black
BTS-PC1571
3000mm
Black
R/A Schuko plug, H05VV-F 3 X 1.00mm2 to C13 IEC Lock +
BTS-EL341S
1000 mm
Black
BTS-EL332S
2000 mm
Black
BTS-EL349S
2000 mm
Orange
BTS-EL342S
3000 mm
Black
BTS-EL353S
5000 mm
Black
Male C14 plug, H05VV-F 3 X 1.00mm2 to C13 IEC Lock +
BTS-PC1524
500 mm
Black
BTS-PC1520
500 mm
Orange
BTS-PC1525
1000mm
Black
BTS-PC1521
1000mm
Orange
BTS-PC1531
1500mm
Black
BTS-PC1530
1500mm
Orange
BTS-PC1526
2000mm
Black
BTS-PC1522
2000mm
Orange
BTS-PC1527
3000mm
Black
BTS-PC1523
3000mm
Orange
BTS-PC1572
4000mm
Orange
BTS-PC1626
4000mm
Black
BTS-PC1565
5000mm
Orange
BTS-PC1564
5000mm
Black
Stripped End, H05VV-F 3 X 1.00mm2 to C13 IEC Lock +
BTS-PC1632
2000mm
Black
BTS-PC1528
3000mm
Black
BTS-PC1529
3000mm
Orange
IEC Lock+ C13 Rewireable connector - PA130100BK
Product Code
BTS-PA130100BK
BTS-PA130100BK
BTS-PA130100BK
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
REWIREABLE
Burland Technology Solutions Limited
2 Delphus, Orion Court
Great Blakenham, Ipswich
Suffolk IP6 0LW
T +44 (0)1473 858 214
F +44 (0)1473 839 005
www.burland.com
sales@burland.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com