Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM41PDS3228D Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM41PDS3228D
Description  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM41PDS3228D Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM41PDS3228D Datasheet HTML 35Page - Advanced Micro Devices AM41PDS3228D Datasheet HTML 36Page - Advanced Micro Devices AM41PDS3228D Datasheet HTML 37Page - Advanced Micro Devices AM41PDS3228D Datasheet HTML 38Page - Advanced Micro Devices AM41PDS3228D Datasheet HTML 39Page - Advanced Micro Devices AM41PDS3228D Datasheet HTML 40Page - Advanced Micro Devices AM41PDS3228D Datasheet HTML 41Page - Advanced Micro Devices AM41PDS3228D Datasheet HTML 42Page - Advanced Micro Devices AM41PDS3228D Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
38
Am41PDS3228D
May 13, 2002
P R E L IMINARY
FLASH AC CHARACTERISTICS
Read-Only Operations
Notes:
1. Not 100% tested.
2. See Figure 12 and Table 12 for test specifications.
3. Measurements performed by placing a 50
Ω termination on the data pin with a bias of V
CC/2. The time from OE# high to the
data bus driven to V
CC/2 is taken as tDFAC Characteristics.
Parameter
Description
Test Setup
Speed Option
JEDEC
Std
10
11
Unit
tAVAV
tRC
Read Cycle Time (Note 1)
Min
100
110
ns
t
AVQV
t
ACC
Address to Output Delay
CE#, OE# = V
IL
Max
100
110
ns
tPRC
Page Read Cycle
Min
40
45
ns
t
PACC
Page Address to Output Delay
CE#, OE# = V
IL
Max
40
45
ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
Max
100
110
ns
t
GLQV
t
OE
Output Enable to Output Delay
Max
35
45
ns
tEHQZ
tDF
Chip Enable to Output High Z (Notes 1, 3)
Max
16
ns
t
GHQZ
t
DF
Output Enable to Output High Z (Notes 1, 3)
Max
16
ns
t
AXQX
t
OH
Output Hold Time From Addresses, CE# or OE#,
Whichever Occurs First
Min
0
ns
t
OEH
Output Enable Hold
Time (Note 1)
Read
Min
0
ns
Toggle and
Data# Polling
Min
10
ns
tOH
tCE
Outputs
WE#
Addresses
CE#f
OE#
HIGH Z
Output Valid
HIGH Z
Addresses Stable
tRC
tACC
tOEH
tRH
tOE
tRH
0 V
RY/BY#
RESET#
tDF
Figure 15.
Conventional Read Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com