Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBL-SSL12R281 Datasheet(PDF) 1 Page - Burland Technology Solutions

Part # FBL-SSL12R281
Description  FBL-SSL12R281
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURLAND [Burland Technology Solutions]
Direct Link  https://www.burland.com/
Logo BURLAND - Burland Technology Solutions

FBL-SSL12R281 Datasheet(HTML) 1 Page - Burland Technology Solutions

  FBL-SSL12R281 Datasheet HTML 1Page - Burland Technology Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications
Model:
FBL-SSL12R281
Overall Dimensions:
320 x 240mm
Recessed Area:
282mm x 156mm
Colour:
Stainless Steel
Availability:
FB-TFB3, FB-TFB4, FB-TSB3, FB-
TSB4 Boxes
Lid Recess:
12mm
Outer Flange:
15mm
Overall Depth:
32mm
Product Description
•
Made from galvanised and stainless steel
•
Designed for use with FB-TFB3 / FB-TFB4 / FB-TSB3 /
FB-TSB4 Large Boxes
•
Lifting handle with cable flap
•
12mm recess, ideal for ceramic tiles, laminate floors or
thick carpets.
•
Designed specifically for high traffic environments such
as schools, colleges and many other uses
•
Steel frame and lid designed to withstand loads up to
740kg
Lid Recess 12mm
Outer Flange
15mm
Overall
Depth
32mm
FBL-SSL12R281
FRAME
LID
Frame & Lid Profile View
FBL-SSL12R281
2 Delphus, Orion Court
Great Blakenham
Ipswich Suffolk IP6 0LW
T +44 (0) 1473 858 214
F +44 (0) 1473 839 005
www.burland.com
www.electropatent.co.uk


Similar Part No. - FBL-SSL12R281

ManufacturerPart #DatasheetDescription
logo
Burland Technology Solu...
FBL-SSL12R296 BURLAND-FBL-SSL12R296 Datasheet
508Kb / 1P
FBL-SSL12R296
More results

Similar Description - FBL-SSL12R281

ManufacturerPart #DatasheetDescription
logo
Burland Technology Solu...
FBL-ABSL6R281 BURLAND-FBL-ABSL6R281 Datasheet
527Kb / 1P
FBL-ABSL6R291
FBL-ABSL6R311 BURLAND-FBL-ABSL6R311 Datasheet
513Kb / 1P
FBL-ABSL6R311
FBL-PCL12R281 BURLAND-FBL-PCL12R281 Datasheet
472Kb / 1P
FBL-PCL12R281
FBL-PCL12R311 BURLAND-FBL-PCL12R311 Datasheet
465Kb / 1P
FBL-PCL12R311
FBL-PCL12R346 BURLAND-FBL-PCL12R346 Datasheet
368Kb / 1P
FBL-PCL12R346
FBL-PCL20R281 BURLAND-FBL-PCL20R281 Datasheet
487Kb / 1P
FBL-PCL20R281
FBL-SSL12R296 BURLAND-FBL-SSL12R296 Datasheet
508Kb / 1P
FBL-SSL12R296
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com