Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB-FS80B Datasheet(PDF) 1 Page - Burland Technology Solutions

Part # MB-FS80B
Description  QI WIRELESS CHARGER FAST CHARGE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURLAND [Burland Technology Solutions]
Direct Link  https://www.burland.com/
Logo BURLAND - Burland Technology Solutions

MB-FS80B Datasheet(HTML) 1 Page - Burland Technology Solutions

  MB-FS80B Datasheet HTML 1Page - Burland Technology Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
miniBatt Europe I C/ Vic, 103 I 08160 Montmeló - Barcelona (España) I (+34) 93 572 30 21 I info@minibatt.com I www.miniBatt.com
Descripción Producto
MiniBatt Fs80 is anstylish Wireless charger to be intalled in any piece of furniture with a one
induction coil and fast charge, compatible with all Qi wireless devices, including
iPhone 8 /
8plus, iPhone X or Samsung.
It is designed to charge easily your Smartphone or any electronic device of 5V and 9V. The
new
miniBatt Fs80 is made of aluminium in metallic titanium matt finish. It incorporates a
threaded fixing system enabling the installation of the charger in any Surface with a
máximum thickness of 50 mm.
Forget about disorganized cables and enjoy Wireless Charging with the new
miniBatt Fs80
in any desk, table, counter, bedside table, …) to charge your smartphone in the simplest and
easiestway possible.
MiniBatt is a Spanish company specialized in the development of
charging solutions to facilitate the Access of charging.
As members of Wireless Power Consortium, the manufacturers association to develop
products with Qi as the prevailing global standard for Smartphone charging, and as authorised
Apple developer,
minibatt has the broadest range of Wireless chargers and receivers.
Fs80 QI WIRELESS CHARGER
FAST CHARGE
Technical Specifications
Qi Standard:
WPC 1.2
Induction system:
Single Coil
Input:
DC5V-2.0A I 9V-1.67A
Output:
DC5V-1.0A I 9V 1.1A
Max. Charging distance:
0-8 mm.
Size:
ø 90 x 80 x 20 (max. 50) mm.
Efficiency Ratio:
80%
Data Sheet
Nom:
miniBatt FS80 - FAST CHARGE
SKU:
MB-FS80B
EAN:
435048432414
Color:
Negro
Wireless
Charger
Qi
Standard 1.2
1 Bobina MAX
Actuación
Qi
Standard 1.2


Similar Part No. - MB-FS80B

ManufacturerPart #DatasheetDescription
logo
Yealink Inc.
MB-FS-LIFT YEALINK-MB-FS-LIFT Datasheet
219Kb / 2P
Lift
MB-FS-VESA YEALINK-MB-FS-VESA Datasheet
1Mb / 2P
management panel
More results

Similar Description - MB-FS80B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ51050B TI-BQ51050B Datasheet
2Mb / 31P
High-Efficiency Qi v1.1-Compliant Wireless Power Receiver and Battery Charger
BQ51050B TI1-BQ51050B_14 Datasheet
2Mb / 35P
High-Efficiency Qi v1.1-Compliant Wireless Power Receiver and Battery Charger
logo
Integrated Device Techn...
P9025AC IDT-P9025AC Datasheet
419Kb / 20P
5W, Qi Wireless Power Receiver
P9038 IDT-P9038 Datasheet
378Kb / 18P
8W, Qi-compliant, Wireless Power Transmitter
logo
STMicroelectronics
STEVAL-ISB027V1 STMICROELECTRONICS-STEVAL-ISB027V1 Datasheet
355Kb / 6P
Qi A11 wireless charger transmitter evaluation board based on STWBC
02-Mar-2015
logo
Generalplus Technology ...
GPMQ8005B GENERALPLUS-GPMQ8005B Datasheet
1Mb / 43P
QI Compliant Wireless Charger Two-Coil Wireless Fast Charger Three-Coil QI Compliant Wireless Charger Power Transmitter
GPMQ8101A GENERALPLUS-GPMQ8101A Datasheet
392Kb / 11P
QI Compliant Wireless Power Receiver
GPMQ8102A GENERALPLUS-GPMQ8102A Datasheet
651Kb / 12P
Qi Compliant Wireless Power Receiver
logo
Tripp Lite. All Rights ...
U280-Q01FL-BK TRIPPLITE-U280-Q01FL-BK Datasheet
161Kb / 3P
Wireless Phone Charger - 10W, Qi Certified, Apple and Samsung Compatible, Black
logo
NXP Semiconductors
NXQ1TXA1 NXP-NXQ1TXA1 Datasheet
599Kb / 21P
Qi-standard conforming charger controller
Rev. 2 ??2 July 2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com