Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA723 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MA723
Description  Precision voltage regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MA723 Datasheet(HTML) 2 Page - NXP Semiconductors

  MA723 Datasheet HTML 1Page - NXP Semiconductors MA723 Datasheet HTML 2Page - NXP Semiconductors MA723 Datasheet HTML 3Page - NXP Semiconductors MA723 Datasheet HTML 4Page - NXP Semiconductors MA723 Datasheet HTML 5Page - NXP Semiconductors MA723 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Philips Semiconductors
Product specification
µA723/723C
Precision voltage regulator
1994 Aug 31
2
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
Pulse voltage from V+ to V- (50ms)
50
V
Continuous voltage from V+ to V-
40
V
Input-output voltage differential
40
V
VDIFF
Error amplifier maximum input differential voltage
±5
V
VCM
Error amplifier non-inverting input (Pin 5) to -V (Pin 7)
8
V
IOUT
Maximum output current
150
mA
Current from VREF
15
mA
Current from VZ
25
mA
PMAX
Maximum power dissipation TA=25°C (still-air)1
F package
1190
mW
N package
1420
mW
D package
1040
mW
TA
Operating ambient temperature range
µA723
µA723C
-55 to +125
0 to 70
°C
°C
TSTG
Storage temperature range
-65 to +150
°C
TSOLD
Lead soldering temperature (10sec max)
300
°C
NOTES:
1. The following derating factors should be applied above 25
°C
F package at 9.5mW/
°C
N package at 11.4mW/
°C
D package at 8.3mW/
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com