Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBP-STO405 Datasheet(PDF) 2 Page - Burland Technology Solutions

Part # FBP-STO405
Description  FBP-STO279
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURLAND [Burland Technology Solutions]
Direct Link  https://www.burland.com/
Logo BURLAND - Burland Technology Solutions

FBP-STO405 Datasheet(HTML) 2 Page - Burland Technology Solutions

  FBP-STO405 Datasheet HTML 1Page - Burland Technology Solutions FBP-STO405 Datasheet HTML 2Page - Burland Technology Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FBP-STO290/SW/RH [2]
Right Hand Twin Switched
Sockets (side wired)
FBP-STO290/SW/LH [2]
Left Hand Twin Switched
Sockets (side wired)
Product Information
Product Type
Cavity & Screed Floor Box Plates
Suitable For:
FB-TFB4, FB-TSB4
Plate Dimensions
185mm x 68mm
Material
Galvanised Steel
Finish
Leatherette texture Powder Coating
Colour
Equivelant to RAL7035 / Light Grey
Note [1]:
FBP-STO279 is supplied fitted with 2 x
50x50mm Euro collars (see below), to
be used in conjunction with listed
Socket modules.
Note [2]:
Side wired twin switched socket plates
(FBP-STO290/SW/LH & FBP-
STO290/SW/RH) designed specifically
for use with FB-TFB/64 floorbox.
EURO COLLAR
2 Delphus, Orion Court
Great Blakenham
Ipswich Suffolk IP6 0LW
T +44 (0) 1473 858 214
F +44 (0) 1473 839 005
www.burland.com
www.electropatent.co.uk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com