Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M42000005X Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # M42000005X
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M42000005X Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button M42000005X Datasheet HTML 15Page - Advanced Micro Devices M42000005X Datasheet HTML 16Page - Advanced Micro Devices M42000005X Datasheet HTML 17Page - Advanced Micro Devices M42000005X Datasheet HTML 18Page - Advanced Micro Devices M42000005X Datasheet HTML 19Page - Advanced Micro Devices M42000005X Datasheet HTML 20Page - Advanced Micro Devices M42000005X Datasheet HTML 21Page - Advanced Micro Devices M42000005X Datasheet HTML 22Page - Advanced Micro Devices M42000005X Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
May 19, 2003
Am42DL32x4G
19
PR ELI M I NARY
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equip-
m ent to a u to mat i c a lly ma tc h a dev ic e to b e
programmed with its corresponding programming
algorithm.
The autoselect codes can also be accessed in-system
through the command register. The host system can
issue the autoselect command via the command regis-
ter, as shown in Tables 14 and 16. This method does
not require V
ID. Refer to the Autoselect Command Se-
quence section for more information.
Sector/Sector Block Protection and
Unprotection
(Note: For the following discussion, the term “sector”
applies to both sectors and sector blocks. A sector
block consists of two or more adjacent sectors that are
protected or unprotected at the same time (see Table
8).
Table 8.
Top Boot Sector/Sector Block Addresses
for Protection/Unprotection
Sector
A20–A12
Sector/
Sector Block Size
SA0
000000XXX
64 Kbytes
SA1-SA3
000001XXX,
000010XXX
000011XXX
192 (3x64) Kbytes
SA4-SA7
0001XXXXX
256 (4x64) Kbytes
SA8-SA11
0010XXXXX
256 (4x64) Kbytes
SA12-SA15
0011XXXXX
256 (4x64) Kbytes
SA16-SA19
0100XXXXX
256 (4x64) Kbytes
SA20-SA23
0101XXXXX
256 (4x64) Kbytes
SA24-SA27
0110XXXXX
256 (4x64) Kbytes
SA28-SA31
0111XXXXX
256 (4x64) Kbytes
SA32-SA35
1000XXXXX
256 (4x64) Kbytes
SA36-SA39
1001XXXXX
256 (4x64) Kbytes
SA40-SA43
1010XXXXX
256 (4x64) Kbytes
SA44-SA47
1011XXXXX
256 (4x64) Kbytes
SA48-SA51
1100XXXXX
256 (4x64) Kbytes
SA52-SA55
1101XXXXX
256 (4x64) Kbytes
SA56-SA59
1110XXXXX
256 (4x64) Kbytes
SA60-SA62
111100XXX,
111101XXX,
111110XXX
192 (4x64) Kbytes
SA63
111111000
8 Kbytes
SA64
111111001
8 Kbytes
SA65
111111010
8 Kbytes
SA66
111111011
8 Kbytes
SA67
111111100
8 Kbytes
SA68
111111101
8 Kbytes
SA69
111111110
8 Kbytes
SA70
111111111
8 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com