Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F016D Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM29F016D
Description  16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory-Die Revision 1
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016D Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM29F016D Datasheet HTML 1Page - Advanced Micro Devices AM29F016D Datasheet HTML 2Page - Advanced Micro Devices AM29F016D Datasheet HTML 3Page - Advanced Micro Devices AM29F016D Datasheet HTML 4Page - Advanced Micro Devices AM29F016D Datasheet HTML 5Page - Advanced Micro Devices AM29F016D Datasheet HTML 6Page - Advanced Micro Devices AM29F016D Datasheet HTML 7Page - Advanced Micro Devices AM29F016D Datasheet HTML 8Page - Advanced Micro Devices AM29F016D Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2
Am29F016D Known Good Die
June 11, 2002
SU P P L E MEN T
GENERAL DESCRIPTION
The Am29F016D in Known Good Die (KGD) form is a 16
Mbit, 5.0 volt-only Flash memory. AMD defines KGD as
standard product in die form, tested for functionality and
speed. AMD KGD products have the same reliability and
quality as AMD products in packaged form.
Am29F016D Features
The Am29F016D is a 16 Mbit, 5.0 volt-only Flash
memory organized as 2,097,152 bytes of 8 bits each.
The 2 Mbytes of data are divided into 32 sectors of 64
Kbytes each for flexible erase capability. The 8 bits of
data appear on DQ0–DQ7. The Am29F016D is
manufactured using AMD’s 0.32 µm process tech-
nology. This device is designed to be programmed
in-system with the standard system 5.0 volt VCC supply.
A 12.0 volt VPP is not required for program or erase
operations. The device can also be programmed in
standard EPROM programmers.
The standard device offers an access time of 120 ns,
allowing high-speed microprocessors to operate without
wait states. To eliminate bus contention, the device has
separate chip enable (CE#), write enable (WE#), and
output enable (OE#) controls.
The device is entirely command set compatible with the
JEDEC single-power-supply Flash standard. Com-
mands are written to the command register using stan-
dard microprocessor write timings. Register contents
serve as input to an internal state machine that controls
the erase and programming circuitry. Write cycles also
internally latch addresses and data needed for the pro-
gramming and erase operations. Reading data out of
the device is similar to reading from 12.0 volt Flash or
EPROM devices.
The device is programmed by executing the program
command sequence. This invokes the Embedded
Program algorithm—an internal algorithm that automat-
ically times the program pulse widths and verifies proper
cell margin. The device is erased by executing the erase
command sequence. This invokes the Embedded Erase
algorithm—an internal algorithm that automatically pre-
programs the array (if it is not already programmed)
before executing the erase operation. During erase, the
device automatically times the erase pulse widths and
verifies proper cell margin.
The sector erase architecture allows memory sectors to
be erased and reprogrammed without affecting the data
contents of other sectors. A sector is typically erased
and verified within one second. The device is erased
when shipped from the factory.
The hardware sector group protection feature disables
both program and erase operations in any combination
of the eight sector groups of memory. A sector group
consists of four adjacent sectors.
The Erase Suspend feature enables the system to put
erase on hold for any period of time to read data from, or
program data to, a sector that is not being erased. True
background erase can thus be achieved.
The device requires only a single 5.0 volt power supply
for both read and write functions. Internally generated
and regulated voltages are provided for the program and
erase operations. A low VCC detector automatically
inhibits write operations during power transitions. The
host system can detect whether a program or erase
cycle is complete by using the RY/BY# pin, the DQ7
(Data# Polling) or DQ6 (toggle) status bits. After a
program or erase cycle has been completed, the device
automatically returns to the read mode.
A hardware RESET# pin terminates any operation in
progress. The internal state machine is reset to the read
mode. The RESET# pin may be tied to the system reset
circuitry. Therefore, if a system reset occurs during
either an Embedded Program or Embedded Erase algo-
rithm, the device is automatically reset to the read mode.
This enables the system’s microprocessor to read the
boot-up firmware from the Flash memory.
AMD’s Flash technology combines years of Flash
memory manufacturing experience to produce the
highes t lev els of qualit y, r eliabilit y, and c o s t
effectiveness. The device electrically erases all bits
within a sector simultaneously via Fowler-Nordheim tun-
neling. The bytes are programmed one byte at a time
using the EPROM programming mechanism of hot elec-
tron injection.
Electrical Specifications
Refer to the Am29F016D data sheet, publication
number 21444, for full electrical specifications on the
Am29F016D in KGD form.
PRODUCT SELECTOR GUIDE
Family Part Number
Am29F016D KGD
Speed Option (VCC = 5.0 V ± 10%)
-120
Max Access Time, tACC (ns)
120
Max CE# Access, tCE (ns)
120
Max OE# Access, tOE (ns)
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com