Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M42000002D Datasheet(PDF) 63 Page - Advanced Micro Devices

Part # M42000002D
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M42000002D Datasheet(HTML) 63 Page - Advanced Micro Devices

Back Button M42000002D Datasheet HTML 56Page - Advanced Micro Devices M42000002D Datasheet HTML 57Page - Advanced Micro Devices M42000002D Datasheet HTML 58Page - Advanced Micro Devices M42000002D Datasheet HTML 59Page - Advanced Micro Devices M42000002D Datasheet HTML 60Page - Advanced Micro Devices M42000002D Datasheet HTML 61Page - Advanced Micro Devices M42000002D Datasheet HTML 62Page - Advanced Micro Devices M42000002D Datasheet HTML 63Page - Advanced Micro Devices M42000002D Datasheet HTML 64Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 63 / 64 page
background image
May 19, 2003
Am42DL32x4G
63
PR ELI M I NARY
REVISION SUMMARY
Revision A (January 9, 2002)
Initial release.
Revision A + 1 (September 30, 2002)
Connection Diagram
Changed H7 from NC to DQ13.
Logic Symbol
Changed from 19 to 18 address inputs for A17 to A0.
Sector/Sector Block Protection and Unprotection
Added bottom boot sector protection table.
Common Flash Memory Interface (CFI)
Changed third paragraph to indicate that the system
must write reset command to return to reading array
data, not the autoselect mode.
Changed URL for CFI documents.
DC Characteristics, CMOS Compatible
Removed I
ACC from table.
SRAM DC and Operating Characteristics
Added V
IL and VIH to table.
Revision A + 2 (February 5, 2003)
Global
Added the 75 speed option to Flash memory and
SRAM throughout the datasheet.
Removed the 85 ns speed option in SRAM.
Ordering Information
Added order numbers to reflect the new speed option.
Common Flash Memory Interface (CFI)
Changed CFI website address.
Customer Lockable: SecSi Sector NOT
Programmed or Protected at the factory.
Added second bullet, SecSi sector-protect verify text
and figure 3.
SecSi Sector Flash Memory Region, and Enter
SecSi Sector/Exit SecSi Sector Command
Sequence
Noted that the ACC function and unlock bypass modes
are not available when the SecSi sector is enabled.
Byte/Word Program Command Sequence, Sector
Erase Command Sequence, and Chip Erase Com-
mand Sequence
Noted that the SecSi Sector, autoselect, and CFI func-
tions are unavailable when a program or erase
operation is in progress.
Revision A + 3 (February 7, 2003)
Product Selector Guide
Corrected typo in Speed Option.
Revision A + 4 (March 14, 2003)
Product Selector Guide
Corrected typo in SRAM Speed Option and updated
tables in datasheet to reflect correction.
Revision B (May 19, 2003)
Global
Removed “Pseudo” from data sheet.
Removed 75 ns speed option and added 71 ns speed
option. Then, corrected ordering information to reflect
change.
Trademarks
Copyright © 2003 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com