Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA741C Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MA741C
Description  General purpose operational amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MA741C Datasheet(HTML) 6 Page - NXP Semiconductors

  MA741C Datasheet HTML 1Page - NXP Semiconductors MA741C Datasheet HTML 2Page - NXP Semiconductors MA741C Datasheet HTML 3Page - NXP Semiconductors MA741C Datasheet HTML 4Page - NXP Semiconductors MA741C Datasheet HTML 5Page - NXP Semiconductors MA741C Datasheet HTML 6Page - NXP Semiconductors MA741C Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Philips Semiconductors
Product specification
µA741/µA741C/SA741C
General purpose operational amplifier
1994 Aug 31
6
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
10–1kHz
35
30
25
20
15
10
–60
–20
20
60
100
140
TEMPERATURE — oC
VS = + 15V
TA = 25
oC
10 –13
10 –14
10 –15
10 –16
10 –17
10 –18
10
100
1K
10K
100K
FREQUENCY — Hz
VS = + 15V
TA = 25
oC
10 –21
10 –22
10 –23
10 –24
10 –25
10 –26
10
100
1K
10K
100K
FREQUENCY — Hz
100
10
1
0.1
100
1K
10K
100K
10–100kHz
10–1kHz
SOURCE RESISTANCE —
Ω
VS = + 15V
TA = 25
oC
106
105
104
103
102
10
1
1
10
100
1K
10K 100K 1M 10M
FREQUENCY — Hz
1
10
100
1K
10K 100K 1M 10M
FREQUENCY — Hz
VS = + 15V
TA = 25
oC
0
–45
–90
–135
–180
VS = + 15V
TA = 25
oC
RL = 10kΩ
40
36
32
28
24
20
16
12
8
4
0
100
1K
10K
100K
1M
FREQUENCY — Hz
VS = + 15V
TA = 25
oC
100
90
80
70
60
50
40
30
20
10
1
10
100
1K
10K 100K 1M 10M
FREQUENCY — Hz
28
24
20
16
12
8
4
0
0
0.5
1.0
1.5
2.0
2.5
TIME —
µs
VS = + 15V
TA = 25
oC
RL = 2kΩ
CL = 100pF
10%
RISE TIME
Output Short–Circuit Current
as a Function of
Ambient Temperature
Input Noise Voltage
as a Function of Frequency
Input Noise Current
as a Function of Frequency
Broadband Noise for
Various Bandwidths
Open–Looped Voltage Gain
as a Function of Frequency
Open–Looped Phase Response
as a Function of Frequency
Output Voltage Swing
as a Function of Frequency
Common–Mode Rejection Ratio
as a Function of Frequency
Transient Response
VS = + 15V
TA = 25
oC
0
0
SL00098
Figure 4. Typical Performance Characteristics (cont.)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com