Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA747C Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MA747C
Description  Dual operational amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MA747C Datasheet(HTML) 4 Page - NXP Semiconductors

  MA747C Datasheet HTML 1Page - NXP Semiconductors MA747C Datasheet HTML 2Page - NXP Semiconductors MA747C Datasheet HTML 3Page - NXP Semiconductors MA747C Datasheet HTML 4Page - NXP Semiconductors MA747C Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
µA747C
Dual operational amplifier
August 31, 1994
57
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Power Consumption as a Function
of Ambient Temperature
Output Short–Circuit Current
as a Function of
Ambient Temperature
Frequency Characteristics as a
Function of Ambient Temperature
1.4
1.2
1.0
0.8
0.6
TRANSIENT RESPONSE
–60
–20
20
80
100
140
TEMPERATURE — oC
VS = + 15V
CLOSED LOOP
BANDWIDTH
SLEW RATE
TA = 25
oC
100
80
60
40
20
0
5
10
15
20
TA = 25
oC
SUPPLY VOLTAGE — +V
Power Consumption as a
Function of Supply Voltage
VS = +15V
500
400
300
200
100
0
–60
–20
20
60
100
140
TEMPERATURE — oC
Input Bias Current as a Function
of Ambient Temperature
10.0
5.0
3.0
1.0
0.5
0.3
0.1
–60
–20
20
60
100
140
TEMPERATURE — oC
Input Resistance as a Function
of Ambient Temperature
VS = + 15V
40
30
20
10
0
5
10
15
20
SUPPLY VOLTAGE — +V
TA = 25
oC
Input Offset Current as a
Function of Supply Voltage
140
120
100
80
60
40
20
0
–60
–20
20
60
100
140
TEMPERATURE
— oC
VS = + 15V
Input Offset Current as a Function
of Ambient Temperature
70
60
50
40
30
–60
–20
20
60
100
140
TEMPERATURE
— oC
VS = + 15V
VS = +15V
TA = 25
oC
28
26
24
22
20
18
16
14
12
10
8
0.1
0.2
0.5 1.0
2.0
5.0
10
LOAD RESISTANCE — k
Ω
Output Voltage Swing as a
Function of Load Resistance
35
30
25
20
15
10
–60
–20
20
60
100
140
TEMPERATURE — oC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com