Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL320GT90PCI Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM29DL320GT90PCI
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL320GT90PCI Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM29DL320GT90PCI Datasheet HTML 1Page - Advanced Micro Devices AM29DL320GT90PCI Datasheet HTML 2Page - Advanced Micro Devices AM29DL320GT90PCI Datasheet HTML 3Page - Advanced Micro Devices AM29DL320GT90PCI Datasheet HTML 4Page - Advanced Micro Devices AM29DL320GT90PCI Datasheet HTML 5Page - Advanced Micro Devices AM29DL320GT90PCI Datasheet HTML 6Page - Advanced Micro Devices AM29DL320GT90PCI Datasheet HTML 7Page - Advanced Micro Devices AM29DL320GT90PCI Datasheet HTML 8Page - Advanced Micro Devices AM29DL320GT90PCI Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
Am29DL320G
3
TABLE OF CONTENTS
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Special Package Handling Instructions .......................................... 6
Pin Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Logic Symbol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Table 1. Device Bus Operations .............................................................9
Word/Byte Configuration ................................................................ 9
Requirements for Reading Array Data ........................................... 9
Writing Commands/Command Sequences .................................. 10
Simultaneous Read/Write Operations
with Zero Latency ......................................................................... 10
Standby Mode .............................................................................. 10
Automatic Sleep Mode ................................................................. 10
RESET#: Hardware Reset Pin ..................................................... 11
Output Disable Mode ................................................................... 11
Table 2. Top Boot Sector Addresses ...................................................12
Table 3. Top Boot SecSi
TM Sector Addresses ..................................... 13
Table 4. Bottom Boot Sector Addresses ...............................................14
Table 5. Bottom Boot SecSi
TM Sector Addresses................................ 15
Autoselect Mode .......................................................................... 16
Table 6. Autoselect Codes, (High Voltage Method) .............................16
Sector/Sector Block Protection and Unprotection ........................ 17
Table 7. Top Boot Sector/Sector Block Addresses
for Protection/Unprotection ...................................................................17
Table 8. Bottom Boot Sector/Sector Block Addresses
for Protection/Unprotection ...................................................................17
Write Protect (WP#) ..................................................................... 18
Temporary Sector Unprotect ........................................................ 18
Figure 1. Temporary Sector Unprotect Operation................................. 18
Figure 2. In-System Sector Protection/
Sector Unprotection Algorithms ............................................................ 19
SecSi
TM (Secured Silicon) Sector
Flash Memory Region .................................................................. 20
Figure 3. SecSi Sector Protect Verify.................................................... 21
Hardware Data Protection ............................................................ 21
Common Flash Memory Interface (CFI) . . . . . . . 21
Table 9. CFI Query Identification String ................................................ 22
Table 10. System Interface String......................................................... 22
Table 11. Device Geometry Definition .................................................. 23
Table 12. Primary Vendor-Specific Extended Query ............................ 23
Reading Array Data ...................................................................... 24
Reset Command .......................................................................... 24
Autoselect Command Sequence .................................................. 24
Enter SecSi
TM Sector/Exit SecSi Sector
Command Sequence ................................................................... 25
Byte/Word Program Command Sequence ................................... 25
Figure 4. Program Operation ................................................................ 26
Chip Erase Command Sequence ................................................. 26
Sector Erase Command Sequence .............................................. 26
Erase Suspend/Erase Resume Commands ................................ 27
Figure 5. Erase Operation .................................................................... 27
Table 13. Command Definitions ........................................................... 28
DQ7: Data# Polling ...................................................................... 29
Figure 6. Data# Polling Algorithm ......................................................... 29
RY/BY#: Ready/Busy# ................................................................. 30
DQ6: Toggle Bit I .......................................................................... 30
Figure 7. Toggle Bit Algorithm .............................................................. 30
DQ2: Toggle Bit II ......................................................................... 31
Reading Toggle Bits DQ6/DQ2 .................................................... 31
DQ5: Exceeded Timing Limits ...................................................... 31
DQ3: Sector Erase Timer ............................................................. 31
Table 14. Write Operation Status ......................................................... 32
Figure 8. Maximum Negative Overshoot Waveform............................. 33
Figure 9. Maximum Positive Overshoot Waveform .............................. 33
Figure 10. I
CC1 Current vs. Time (Showing Active and
Automatic Sleep Currents).................................................................... 35
Figure 11. Typical I
CC1 vs. Frequency................................................... 35
Figure 12. Test Setup .......................................................................... 36
Figure 13. Input Waveforms and Measurement Levels ........................ 36
Figure 14. Read Operation Timings...................................................... 37
Figure 15. Reset Timings...................................................................... 38
Word/Byte Configuration (BYTE#) ............................................... 39
Figure 16. BYTE# Timings for Read Operations .................................. 39
Figure 17. BYTE# Timings for Write Operations .................................. 39
Erase and Program Operations ................................................... 40
Figure 18. Program Operation Timings ................................................ 41
Figure 19. Accelerated Program Timing Diagram ................................ 41
Figure 20. Chip/Sector Erase Operation Timings ................................. 42
Figure 21. Back-to-back Read/Write Cycle Timings ............................. 43
Figure 22. Data# Polling Timings (During Embedded Algorithms) ....... 43
Figure 23. Toggle Bit Timings (During Embedded Algorithms) ............ 44
Figure 24. DQ2 vs. DQ6 ....................................................................... 44
Temporary Sector Unprotect ........................................................ 45
Figure 25. Temporary Sector Unprotect Timing Diagram..................... 45
Figure 26. Sector/Sector Block Protect and Unprotect Timing Diagram 46
Alternate CE# Controlled Erase and Program Operations ........... 47
Figure 27. Alternate CE# Controlled Write (Erase/Program)
Operation Timings ................................................................................ 48
Latchup Characteristics . . . . . . . . . . . . . . . . . . . . 49
TSOP And SO Pin Capacitance . . . . . . . . . . . . . . 49
Data Retention. . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
FBD063—63-ball Fine-Pitch Ball Grid Array (FBGA) 8 x 14 mm . 50
FBD048—Fine-Pitch Ball Grid Array, 6 x 12 mm ......................... 51
TS 048—Thin Small Outline Package .......................................... 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com