Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA741C Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA741C
Description  General purpose operational amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA741C Datasheet(HTML) 4 Page - NXP Semiconductors

  SA741C Datasheet HTML 1Page - NXP Semiconductors SA741C Datasheet HTML 2Page - NXP Semiconductors SA741C Datasheet HTML 3Page - NXP Semiconductors SA741C Datasheet HTML 4Page - NXP Semiconductors SA741C Datasheet HTML 5Page - NXP Semiconductors SA741C Datasheet HTML 6Page - NXP Semiconductors SA741C Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Philips Semiconductors
Product specification
µA741/µA741C/SA741C
General purpose operational amplifier
1994 Aug 31
4
EQUIVALENT SCHEMATIC
NON–INVERTING
INPUT
Q1
Q8
Q2
Q3
Q4
Q7
Q5
Q6
R1
1K
Ω
R3
50K
Ω
R2
1K
Ω
Q9
Q13
R5
39K
Ω
Q10
Q11
Q22
V+
Q14
R9
25
Ω
OUTPUT
R10
50
Ω
Q20
Q16
Q17
Q18 Q15
V–
R11
50
Ω
R12
50k
Ω
R7
4.5
Ω
R8
7.5K
Ω
R4
5k
Ω
30pF
Q12
OFFSET NULL
INVERTING INPUT
OFFSET NULL
SL00096
Figure 2. Equivalent Schematic



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com