Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV640MB100REF Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # AM29LV640MB100REF
Description  64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV640MB100REF Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button AM29LV640MB100REF Datasheet HTML 21Page - Advanced Micro Devices AM29LV640MB100REF Datasheet HTML 22Page - Advanced Micro Devices AM29LV640MB100REF Datasheet HTML 23Page - Advanced Micro Devices AM29LV640MB100REF Datasheet HTML 24Page - Advanced Micro Devices AM29LV640MB100REF Datasheet HTML 25Page - Advanced Micro Devices AM29LV640MB100REF Datasheet HTML 26Page - Advanced Micro Devices AM29LV640MB100REF Datasheet HTML 27Page - Advanced Micro Devices AM29LV640MB100REF Datasheet HTML 28Page - Advanced Micro Devices AM29LV640MB100REF Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
February 1, 2007 26190C8
Am29LV640MT/B
23
D A TA
SH EET
Secured Silicon Sector Flash
Memory Region
The Secured Silicon Sector feature provides a Flash
memory region that enables permanent part identifica-
tion through an Electronic Serial Number (ESN). The
Secured Silicon Sector is 128 words/256 bytes in
length, and uses a Secured Silicon Sector Indicator Bit
(DQ7) to indicate whether or not the Secured Silicon
Sector is locked when shipped from the factory. This
bit is permanently set at the factory and cannot be
changed, which prevents cloning of a factory locked
part. This ensures the security of the ESN once the
product is shipped to the field.
AMD offers the device with the Secured Silicon Sector
either factory locked or customer lockable. The fac-
tory-locked version is always protected when shipped
from the factory, and has the Secured Silicon Sector
Indicator Bit per manently set to a “1.” The cus-
tomer-lockable version is shipped with the Secured
Silicon Sector unprotected, allowing customers to pro-
gram the sector after receiving the device. The cus-
tomer-lockable version also has the Secured Silicon
Sector Indicator Bit permanently set to a “0.” Thus, the
Secured Silicon Sector Indicator Bit prevents cus-
tomer-lockable devices from being used to replace de-
vices that are factory locked.
The Secured Silicon sector address space in this de-
vice is allocated as follows:
The system accesses the Secured Silicon Sector
through a command sequence. See Enter Secured
Sil i con Sector/Exit Secured Si licon Sector
Command Sequence on page 28 After the system has
written the Enter Secured Silicon Sector command se-
quence, it can read the Secured Silicon Sector by
using the addresses normally occupied by the first
sector (SA0). This mode of operation continues until
the system issues the Exit Secured Silicon Sector
command sequence, or until power is removed from
the device. On power-up, or following a hardware re-
set, the device reverts to sending commands to sector
SA0. Note that the ACC function and unlock bypass
modes are not available when the Secured Silicon
Sector is enabled.
Factory Locked: Secured Silicon Sector
Programmed and Protected At the Factory
In devices with an ESN, the Secured Silicon Sector is
protected when the device is shipped from the factory.
The Secured Silicon Sector cannot be modified in any
way. See Table 7 for Secured Silicon Sector address-
ing.
Customers can opt to have their code programmed by
AMD through the AMD ExpressFlash service. The de-
vices are then shipped from AMD’s factory with the
Secured Silicon Sector permanently locked. Contact
an AMD representative for details on using AMD’s Ex-
pressFlash service.
Customer Lockable: Secured Silicon Sector NOT
Programmed or Protected At the Factory
As an alternative to the factory-locked version, the de-
vice can be ordered such that the customer can pro-
gram and protect the 128-word/256 bytes Secured
Silicon sector.
The system can program the Secured Silicon Sector
using the write-buffer, accelerated and/or unlock by-
pass methods, in addition to the standard program-
ming command sequence. See Command Definitions
on page 27
Programming and protecting the Secured Silicon Sec-
tor must be used with caution since, once protected,
there is no procedure available for unprotecting the
Secured Silicon Sector area and none of the bits in the
Secured Silicon Sector memory space can be modi-
fied in any way.
The Secured Silicon Sector area can be protected
using one of the following procedures:
■ Write the three-cycle Enter Secured Silicon Sector
Region command sequence, and then follow the
in-system sector protect algorithm as shown in Fig-
ure 2, except that RESET# can be at either V
IH or
V
ID. This allows in-system protection of the Secured
Silicon Sector without raising any device pin to a
high voltage. Note that this method is only applica-
ble to the Secured Silicon Sector.
■ To verify the protect/unprotect status of the Secured
Silicon Sector, follow the algorithm shown in Figure
3.
Once the Secured Silicon Sector is programmed,
locked and verified, the system must write the Exit Se-
cured Silicon Sector Region command sequence to
return to reading and writing within the remainder of
the array.
Table 7.
Secured Silicon Sector Contents
Secured Silicon Sector
Address Range
Standard
Factory
Locked
ExpressFlash
Factory Locked
Customer
Lockable
x16
x8
000000h–
000007h
000000h–
00000Fh
ESN
ESN or
determined
by customer
Determined
by customer
000008h–
00007Fh
000010h–
0000FFh
Unavailable
Determined
by customer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com