Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM-880S11AMGS Datasheet(PDF) 9 Page - Inventronics Inc.

Part # ESM-880S11AMGS
Description  880W Programmable Driver with INV Digital Dimming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESM-880S11AMGS Datasheet(HTML) 9 Page - Inventronics Inc.

Back Button ESM-880S11AMGS Datasheet HTML 5Page - Inventronics Inc. ESM-880S11AMGS Datasheet HTML 6Page - Inventronics Inc. ESM-880S11AMGS Datasheet HTML 7Page - Inventronics Inc. ESM-880S11AMGS Datasheet HTML 8Page - Inventronics Inc. ESM-880S11AMGS Datasheet HTML 9Page - Inventronics Inc. ESM-880S11AMGS Datasheet HTML 10Page - Inventronics Inc. ESM-880S11AMGS Datasheet HTML 11Page - Inventronics Inc. ESM-880S11AMGS Datasheet HTML 12Page - Inventronics Inc. ESM-880S11AMGS Datasheet HTML 13Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9 / 16
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
880W Programmable Driver with INV Digital Dimming
ESM-880SxxxMGS
Rev.A
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
ESM-880S700MGS(lo=4900mA)
ESM-880S700MGS(lo=7000mA)
ESM-880S11AMGS(lo=8000mA)
ESM-880S11AMGS(lo=11500mA)
ESM-880S20AMGS(lo=16300mA)
ESM-880S20AMGS(lo=20000mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com