Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM-680S15AMX Datasheet(PDF) 6 Page - Inventronics Inc.

Part # ESM-680S15AMX
Description  680W Programmable Driver with INV Digital Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESM-680S15AMX Datasheet(HTML) 6 Page - Inventronics Inc.

Back Button ESM-680S15AMX Datasheet HTML 2Page - Inventronics Inc. ESM-680S15AMX Datasheet HTML 3Page - Inventronics Inc. ESM-680S15AMX Datasheet HTML 4Page - Inventronics Inc. ESM-680S15AMX Datasheet HTML 5Page - Inventronics Inc. ESM-680S15AMX Datasheet HTML 6Page - Inventronics Inc. ESM-680S15AMX Datasheet HTML 7Page - Inventronics Inc. ESM-680S15AMX Datasheet HTML 8Page - Inventronics Inc. ESM-680S15AMX Datasheet HTML 9Page - Inventronics Inc. ESM-680S15AMX Datasheet HTML 10Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6 / 19
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
680W Programmable Driver with INV Digital Dimming
ESM-680SxxxMx
Rev.F
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Dimming Specifications (Continued)
Parameter
Min.
Typ.
Max.
Notes
Dimming
Output
Range with
10%-100%
(Default)
ESM-680S170Mx
ESM-680S240Mx
ESM-680S350Mx
ESM-680S560Mx
ESM-680S840Mx
ESM-680S15AMx
10%Ioset
-
Ioset
1250 mA ≤ Ioset ≤ 1700 mA
1800 mA ≤ Ioset ≤ 2400 mA
2600 mA ≤ Ioset ≤ 3500 mA
4200 mA ≤ Ioset ≤ 5600 mA
6300 mA ≤ Ioset ≤ 8400 mA
12600 mA ≤ Ioset ≤ 15000 mA
ESM-680S170Mx
ESM-680S240Mx
ESM-680S350Mx
ESM-680S560Mx
ESM-680S840Mx
ESM-680S15AMx
125 mA
180 mA
260 mA
420 mA
630 mA
1260 mA
-
Ioset
125 mA ≤ Ioset < 1250 mA
180 mA ≤ Ioset <1800 mA
260 mA ≤ Ioset < 2600 mA
420 mA ≤ Ioset < 4200 mA
630 mA ≤ Ioset < 6300 mA
1260 mA ≤ Ioset < 12600 mA
Dimming
Output
Range with
5%-100%
(Settable)
ESM-680S170Mx
ESM-680S240Mx
ESM-680S350Mx
ESM-680S560Mx
ESM-680S840Mx
ESM-680S15AMx
5%Ioset
-
Ioset
1250 mA ≤ Ioset ≤ 1700 mA
1800 mA ≤ Ioset ≤ 2400 mA
2600 mA ≤ Ioset ≤ 3500 mA
4200 mA ≤ Ioset ≤ 5600 mA
6300 mA ≤ Ioset ≤ 8400 mA
12600 mA ≤ Ioset ≤ 15000 mA
ESM-680S170Mx
ESM-680S240Mx
ESM-680S350Mx
ESM-680S560Mx
ESM-680S840Mx
ESM-680S15AMx
63 mA
90 mA
130 mA
210 mA
315 mA
630 mA
-
Ioset
125 mA ≤ Ioset < 1250 mA
180 mA ≤ Ioset <1800 mA
260 mA ≤ Ioset < 2600 mA
420 mA ≤ Ioset < 4200 mA
630 mA ≤ Ioset < 6300 mA
1260 mA ≤ Ioset < 12600 mA
Recommended Dimming Input
Range
0 V
-
10 V
Default 0-10V dimming mode.
Dim off Voltage
0.35 V
0.5 V
0.65 V
Dim on Voltage
0.55 V
0.7 V
0.85 V
Hysteresis
-
0.2 V
-
PWM_in High Level
3 V
-
10 V
Dimming mode set to PWM in
Inventronics Programing software.
PWM_in Low Level
-0.3 V
-
0.6 V
PWM_in Frequency Range
200 Hz
-
3 KHz
PWM_in Duty Cycle
1%
-
99%
PWM Dimming off (Positive
Logic)
3%
5%
8%
PWM Dimming on (Positive
Logic)
5%
7%
10%
PWM Dimming off ( Negative
Logic)
92%
95%
97%
PWM Dimming on ( Negative
Logic)
90%
93%
95%
Hysteresis
-
2%
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com