Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM-880S20AMGS Datasheet(PDF) 2 Page - Inventronics Inc.

Part # ESM-880S20AMGS
Description  880W Programmable Driver with INV Digital Dimming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESM-880S20AMGS Datasheet(HTML) 2 Page - Inventronics Inc.

  ESM-880S20AMGS Datasheet HTML 1Page - Inventronics Inc. ESM-880S20AMGS Datasheet HTML 2Page - Inventronics Inc. ESM-880S20AMGS Datasheet HTML 3Page - Inventronics Inc. ESM-880S20AMGS Datasheet HTML 4Page - Inventronics Inc. ESM-880S20AMGS Datasheet HTML 5Page - Inventronics Inc. ESM-880S20AMGS Datasheet HTML 6Page - Inventronics Inc. ESM-880S20AMGS Datasheet HTML 7Page - Inventronics Inc. ESM-880S20AMGS Datasheet HTML 8Page - Inventronics Inc. ESM-880S20AMGS Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2 / 16
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
880W Programmable Driver with INV Digital Dimming
ESM-880SxxxMGS
Rev.A
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
(3) Measured at 100% load and 480Vac input (see below “General Specifications” for details).
(4) SELV output
I-V Operating Area
ESM-880S280MGS
ESM-880S420MGS
ESM-880S700MGS
ESM-880S11AMGS
ESM-880S20AMGS
(2800, 314)
(2800, 189)
(1170, 452)
(1950, 452)
(Ioset,880/Ioset)
(Ioset, 157)
(280, 157)
(10%Ioset,880/Ioset)
(195, 452)
(2800, 157)
0
91
182
273
364
455
546
0
560
1120
1680
2240
2800
3360
Output Current (mA)
Note: 1950mA≤Ioset≤2800mA
Good Performance Area
Programmed Operating Area
Allowed Operating Area
(4200, 210)
(4200, 126)
(1800, 294)
(3000, 294)
(Ioset,880/Ioset)
(Ioset, 104)
(420, 104)
(10%Ioset,880/Ioset)
(300, 294)
(4200, 104)
0
59
118
177
236
295
354
0
840
1680
2520
3360
4200
5040
Output Current (mA)
Note: 3000mA≤Ioset≤4200mA
Good Performance Area
Programmed Operating Area
Allowed Operating Area
(7000, 126)
(7000, 75)
(2940, 180)
(4900, 180)
(Ioset,880/Ioset)
(Ioset, 63)
(700, 63)
(10%Ioset,880/Ioset)
(490, 180)
(7000, 63)
0
36
72
108
144
180
216
0
1400
2800
4200
5600
7000
8400
Output Current (mA)
Note: 4900mA≤Ioset≤7000mA
Good Performance Area
Programmed Operating Area
Allowed Operating Area
(11500, 77)
(11500, 46)
(4800, 110)
(8000, 110)
(Ioset,880/Ioset)
(Ioset, 38)
(1150, 38)
(10%Ioset,880/Ioset)
(800, 110)
(11500, 38)
0
22
44
66
88
110
132
0
2300
4600
6900
9200
11500
13800
Output Current (mA)
Note: 8000mA≤Ioset≤11500mA
Good Performance Area
Programmed Operating Area
Allowed Operating Area
(20000, 44)
(20000, 26)
(9780, 54)
(16300, 54)
(Ioset,880/Ioset)
(Ioset, 22)
(2000, 22)
(10%Ioset,880/Ioset)
(1630, 54)
(20000, 22)
0
11
22
33
44
55
66
0
4000
8000
12000
16000
20000
24000
Output Current (mA)
Note: 16300mA≤Ioset≤20000mA
Good Performance Area
Programmed Operating Area
Allowed Operating Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com