Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV640MB100RPCF Datasheet(PDF) 64 Page - Advanced Micro Devices

Part # AM29LV640MB100RPCF
Description  64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV640MB100RPCF Datasheet(HTML) 64 Page - Advanced Micro Devices

Back Button AM29LV640MB100RPCF Datasheet HTML 58Page - Advanced Micro Devices AM29LV640MB100RPCF Datasheet HTML 59Page - Advanced Micro Devices AM29LV640MB100RPCF Datasheet HTML 60Page - Advanced Micro Devices AM29LV640MB100RPCF Datasheet HTML 61Page - Advanced Micro Devices AM29LV640MB100RPCF Datasheet HTML 62Page - Advanced Micro Devices AM29LV640MB100RPCF Datasheet HTML 63Page - Advanced Micro Devices AM29LV640MB100RPCF Datasheet HTML 64Page - Advanced Micro Devices AM29LV640MB100RPCF Datasheet HTML 65Page - Advanced Micro Devices AM29LV640MB100RPCF Datasheet HTML 66Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 64 / 66 page
background image
62
Am29LV640MT/B
26190C8 February 1, 2007
D A TA
SH EE T
REVISION SUMMARY
Revision A (April 26, 2002)
Initial release.
Revision B (May 23, 2002)
Changed packaging from 64-ball FBGA to 64-ball For-
tified BGA.
Changed Block Diagram: Moved V
IO from RY/BY# to
Input/Output Buffers.
Changed Note about WP#/ACC pin to indicate internal
pullup to V
CC.
Revision B+1 (July 31, 2002)
MIRRORBIT 64 MBIT Device Family
Added 64 Fortified BGA to LV640MU device.
Alternate CE# Controlled Erase and Program
Operations
Added t
RH parameter to table.
Erase and Program Operations
Added t
BUSY parameter to table.
Figure 16. Program Operation Timings
Added RY/BY# to waveform.
TSOP and BGA PIN Capacitance
Added the FBGA package.
Program Suspend/Program Resume Command
Sequence
Changed 15
μs typical to maximum and added 5 μs
typical.
Erase Suspend/Erase Resume Commands
Changed typical from 20
μs to 5 μs and added a maxi-
mum of 20
μs.
Revision B+2 (August 9, 2002)
Valid Combinations for TSOP Package
Added 100R, 110R, and 120R OPNs.
Valid Combinations for BGA Package
Added 100R, 110R, and 120R OPNs.
CMOS Compatible
Added Note 8.
Special package handling instructions
Modified the special handling wording.
DC Characteristics table
Deleted the I
ACC specification row.
CFI
Changed text in the third paragraph of CFI to read
“reading array data.”
Revision B+3 (September 19, 2002)
Ordering Information
Deleted FI from Valid Combinations Table.
Revision B+4 (October 15, 2002)
Connection Diagrams
Changed from 56-Pin Standard TSOP to 48-Pin Stan-
dard TSOP.
Product Selector Guide
Added regulated OPNs.
Revision C (December 5, 2002)
Secured Silicon Sector Flash Memory Region, and
Enter Secured Silicon Sector/Exit Secured Silicon
Sector Command Sequence
Noted that the A
CC function and unlock bypass modes
are not available when the Secured Silicon sector is en-
abled.
Byte/Word Program Command Sequence, Sector
Erase Command Sequence, and Chip Erase Com-
mand Sequence
Noted that the Secured Silicon Sector, autoselect, and
CFI functions are unavailable when a program or
erase operation is in progress.
Common Flash Memory Interface (CFI)
Changed CFI website address.
Command Definitions
Changed wording in last sentence of first paragraph
from, “...resets the device to reading array data.” to
...”may place the device to an unknown state. A reset
command is then required to return the device to read-
ing array data.”
CMOS Compatible
Added I
LR parameter to table.
Removed V
IL, VIH, VOL, and VOH from table and added
V
IL1, VIH1, VIL2, VIH2, VOL, VOH1, and VOH2 from the
CMOS table in the Am29LV640MH/L datasheet.
Changed V
IH1 and VIH2 minimum to 1.9.
Removed typos in notes.
AC Characteristics and Read-Only Operations
Changed the Chip Enable to Output High Z and Out-
put Enable to Output High Z Speed Options from 30
ns to 16 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com