Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL3285 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IL3285
Description  Fractional Load RS485 and RS422 Transceivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IL3285 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IL3285 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL3285 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL3285 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL3285 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL3285 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL3285 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL3285 Datasheet HTML 7Page - List of Unclassifed Manufacturers IL3285 Datasheet HTML 8Page - List of Unclassifed Manufacturers IL3285 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IL3285 IL3222
2
NVE Corporation
11409 Valley View Road
Eden Prairie, MN 55344-3617 USA
Telephone: (952) 829-9217
Fax (952) 829-9189
Internet: www.isoloop.com
Absolute Maximum Ratings
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Storage Temperature
T
S
-65
150
°C
Ambient Operating Temperature
T
A
-40
100
°C
Voltage Range at A or B Bus Pins
-7
12
V
Supply Voltage (1)
V
DD
1, VDD2
-0.5
7
V
Digital Input Voltage
-0.5
V
DD+0.5
V
Digital Output Voltage
-0.5
V
DD+1
V
ESD Protection
IL3285
IL3222
+15
+7
kV
kV
Recommended Operating Conditions
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Supply Voltage
V
DD
1
V
DD
2
3.0
4.5
5.5
5.5
V
Input Voltage at any Bus Terminal
(separately or common mode)
V
I
V
IC
12
-7
V
High-Level Digital Input Current
I
IH
10
10
mA
mA
V
DD
1= 3.3 V
V
DD
1= 5.0 V
Low-Level Digital Input Current
I
IH
-10
-10
mA
mA
V
DD
1= 3.3 V
V
DD
1= 5.0 V
Differential Input Voltage (2)
V
ID
+12/-7
V
High-Level Output Current (Driver)
I
OH
-60
mA
High-Level Digital Output Current
(Receiver)
I
OH
-8
8
mA
Low-Level Output Current (Driver)
I
OL
-60
60
mA
Low-Level Digital Output Current
(Receiver)
I
OL
-8
8
mA
Ambient Operating Temperature
T
A
-40
85
°C
Digital Input Signal Rise and Fall
Times
t
IR,tIF
10
µs
Insulation Specifications
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Creepage Distance (external)
8.077
Barrier Impedance
Ω || pC
>1014||7
Leakage Current
µA
RMS
0.2
240 V
RMS, 60 Hz
Safety & Approvals
IEC61010-1
TUV Certificate Numbers:
Approval Pending
Classification as Table 1.
Package Type
Model
Pollution
Degree
Material
Group
Max.
Working
Voltage
16-SOIC
(0.3”)
IL3285, IL3222
II
III
300 VRMS
UL 1577
Rated 2500 VRMS for 1 minute
Component Recognition program. File #:
Approval Pending



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com