Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS22 Datasheet(PDF) 1 Page - Burland Technology Solutions

Part # SS22
Description  SS22 THRU SS210 SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURLAND [Burland Technology Solutions]
Direct Link  https://www.burland.com/
Logo BURLAND - Burland Technology Solutions

SS22 Datasheet(HTML) 1 Page - Burland Technology Solutions

  SS22 Datasheet HTML 1Page - Burland Technology Solutions SS22 Datasheet HTML 2Page - Burland Technology Solutions SS22 Datasheet HTML 3Page - Burland Technology Solutions SS22 Datasheet HTML 4Page - Burland Technology Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N0979, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
SS22
THRU
SS210
SS22 THRU SS210 SCHOTTKY RECTIFIER
Characteristic
Symbol SS22
SS23 SS24
SS25
SS26
SS28 SS210
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
50
60
80
100
V
Maximum RMS voltage
VRMS
14
21
28
35
42
56
71
V
Average Rectified Output Current
@TL =105°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
50
A
Forward Voltage
@ IO= 2.0 A
VF
0.50
0.70
0.85
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage @TA = 100°C
IRM
0.4
10
mA
Typical Thermal Resistance Junction
to Ambient (Note 1)
RθJA
75
°C/W
Operating Temperature Range
TJ
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Note: 1. mounted on P.C. Board with 8.0mm2 copper pad areas.
Features
Circuit Diagram
Mechanical Data
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Case: JEDEC SMB molded plastic body
Terminals: leads solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Weight: 0.003 ounce, 0.093 grams
Mounting Position: Any
Schottky Barrier Chip
Guard Ring Die Construction for Transient Protection
High Current Capability
Low Power Loss, High Efficiency
High Surge Current Capability
For Use in Low Voltage, High Frequency Inverters,
Free Wheeling, and Polarity Protection Applications
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
SMB


Similar Part No. - SS22

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SS22 ZOWIE-SS22 Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SS22 JGD-SS22 Datasheet
159Kb / 2P
2.0 AMPS. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Sunrise Electr...
SS22 SSE-SS22 Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
SS22 FAIRCHILD-SS22 Datasheet
41Kb / 3P
2.0 Ampere Schottky Barrier Rectifiers
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS22

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
SB220 SMCDIODE-SB220 Datasheet
358Kb / 4P
SB220 THRU SB260 SCHOTTKY RECTIFIER
Rev. B
10DQ03 SMCDIODE-10DQ03 Datasheet
309Kb / 4P
10DQ03 THRU 10DQ06 SCHOTTKY RECTIFIER
S12U SMCDIODE-S12U Datasheet
272Kb / 4P
S12U THRU S120U SCHOTTKY RECTIFIER
Rev. A
SB120 SMCDIODE-SB120 Datasheet
307Kb / 4P
SB120 THRU SB160 SCHOTTKY RECTIFIER
Rev. C
SK12 SMCDIODE-SK12 Datasheet
241Kb / 4P
SK12 THRU SK110 SCHOTTKY RECTIFIER
Rev. B
SK22 SMCDIODE-SK22 Datasheet
251Kb / 4P
SK22 THRU SK210 SCHOTTKY RECTIFIER
Rev. C
SK32AF SMCDIODE-SK32AF Datasheet
449Kb / 4P
SK32AF THRU SK320AF SCHOTTKY RECTIFIER
Rev. B
SK32BF SMCDIODE-SK32BF Datasheet
558Kb / 4P
SK32BF THRU SK320BF SCHOTTKY RECTIFIER
Rev. A
logo
Burland Technology Solu...
SS22AF BURLAND-SS22AF Datasheet
299Kb / 4P
SS22AF THRU SS220AF SCHOTTKY RECTIFIER
SS32AF BURLAND-SS32AF Datasheet
683Kb / 4P
SS32AF THRU SS320AF SCHOTTKY RECTIFIER
Rev. A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com