Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS22A Datasheet(PDF) 1 Page - Burland Technology Solutions

Part # SS22A
Description  SS22A THRU SS220A SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURLAND [Burland Technology Solutions]
Direct Link  https://www.burland.com/
Logo BURLAND - Burland Technology Solutions

SS22A Datasheet(HTML) 1 Page - Burland Technology Solutions

  SS22A Datasheet HTML 1Page - Burland Technology Solutions SS22A Datasheet HTML 2Page - Burland Technology Solutions SS22A Datasheet HTML 3Page - Burland Technology Solutions SS22A Datasheet HTML 4Page - Burland Technology Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N1816, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SS22A
THRU
SS220A
SS22A THRU SS220A SCHOTTKY RECTIFIER
Note: 1. VR = 5V, TC = 25 C, fSIG = 1MHz
2. mounted on P.C. Board with 5.0mm2 copper pad areas.
Features
Circuit Diagram
Mechanical Data
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Type Number
Symbol
SS
22A
SS
23A
SS
24A
SS
245A
SS
25A
SS
26A
SS
28A
SS
210A
SS
215A
SS
220A
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VDC
20
30
40
45
50
60
80
100
150
200
V
RMS Reverse Voltage
VRMS
14
21
28
31
35
42
56
70
105
140
V
Average forward rectified output current
@TA = 90°C
IO
2
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
50
A
Forward Voltage (per element)
@IF =2.0A
VFM
0.55
0.7
0.85
0.92
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage @TA = 100°C
IRM
0.1
10
0.05
5
mA
Typical Junction Capacitance(per leg) (Note 1)
CJ
28
pF
Typical Thermal Resistance (per leg) (Note 2)
RθJL
88
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Case: SMA, Molded plastic
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026 guaranteed
Polarity: Color band denotes cathode end
Mounting Position: Any
Schottky Brrier Chip
Low Power Loss, High Efficiency
Ideally Suited for Automatic Assembly
Surge Overload Rating to 50A Peak
Plastic Case Material has UL Flammability Classification
Rating 94V-0
This is a Pb − Free Device
All SMC parts are traceable to the wafer
lot
Additional testing can be offered upon request
SMA


Similar Part No. - SS22A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS22A SSE-SS22A Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SS22A BILIN-SS22A Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
TAITRON Components Inco...
SS22A TAITRON-SS22A Datasheet
585Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
SEMTECH ELECTRONICS LTD...
SS22A SEMTECH_ELEC-SS22A Datasheet
205Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
Schottky Rectifier
More results

Similar Description - SS22A

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
SB220 SMCDIODE-SB220 Datasheet
358Kb / 4P
SB220 THRU SB260 SCHOTTKY RECTIFIER
Rev. B
10DQ03 SMCDIODE-10DQ03 Datasheet
309Kb / 4P
10DQ03 THRU 10DQ06 SCHOTTKY RECTIFIER
S12U SMCDIODE-S12U Datasheet
272Kb / 4P
S12U THRU S120U SCHOTTKY RECTIFIER
Rev. A
SB120 SMCDIODE-SB120 Datasheet
307Kb / 4P
SB120 THRU SB160 SCHOTTKY RECTIFIER
Rev. C
SK12 SMCDIODE-SK12 Datasheet
241Kb / 4P
SK12 THRU SK110 SCHOTTKY RECTIFIER
Rev. B
SK22 SMCDIODE-SK22 Datasheet
251Kb / 4P
SK22 THRU SK210 SCHOTTKY RECTIFIER
Rev. C
SK32AF SMCDIODE-SK32AF Datasheet
449Kb / 4P
SK32AF THRU SK320AF SCHOTTKY RECTIFIER
Rev. B
logo
Burland Technology Solu...
SS22 BURLAND-SS22 Datasheet
283Kb / 4P
SS22 THRU SS210 SCHOTTKY RECTIFIER
Rev. A
SS22AF BURLAND-SS22AF Datasheet
299Kb / 4P
SS22AF THRU SS220AF SCHOTTKY RECTIFIER
SS32AF BURLAND-SS32AF Datasheet
683Kb / 4P
SS32AF THRU SS320AF SCHOTTKY RECTIFIER
Rev. A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com