Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS22AF Datasheet(PDF) 3 Page - Burland Technology Solutions

Part # SS22AF
Description  SS22AF THRU SS220AF SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURLAND [Burland Technology Solutions]
Direct Link  https://www.burland.com/
Logo BURLAND - Burland Technology Solutions

SS22AF Datasheet(HTML) 3 Page - Burland Technology Solutions

  SS22AF Datasheet HTML 1Page - Burland Technology Solutions SS22AF Datasheet HTML 2Page - Burland Technology Solutions SS22AF Datasheet HTML 3Page - Burland Technology Solutions SS22AF Datasheet HTML 4Page - Burland Technology Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Data Sheet N2084, Rev. -
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SS22AF
THRU
SS220AF
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Mechanical Dimensions SMAF(Millimeters/Inches)
Ordering Information
Marking Diagram
Device
Package
Shipping
SS22AF - SS220AF SMAF (Pb-Free)
3000pcs / reel
Carrier Tape Specification SMAF
SYMBOL
Millimeters
Min.
Max.
A0
2.83
3.03
B0
2.23
5.43
K0
1.23
1.43
P0
3.90
4.10
P1
3.90
4.10
P2
1.90
2.10
T
0.17
0.23
E
1.63
1.83
F
5.45
5.65
D0
1.50
1.60
D1
1.45
1.55
W
11.70
12.30
Where XXXXX is YYWWL
SS22AF = Part Name
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com