Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS32AF Datasheet(PDF) 1 Page - Burland Technology Solutions

Part # SS32AF
Description  SS32AF THRU SS320AF SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURLAND [Burland Technology Solutions]
Direct Link  https://www.burland.com/
Logo BURLAND - Burland Technology Solutions

SS32AF Datasheet(HTML) 1 Page - Burland Technology Solutions

  SS32AF Datasheet HTML 1Page - Burland Technology Solutions SS32AF Datasheet HTML 2Page - Burland Technology Solutions SS32AF Datasheet HTML 3Page - Burland Technology Solutions SS32AF Datasheet HTML 4Page - Burland Technology Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N1949, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SS32AF
THRU
SS320AF
SS32AF THRU SS320AF SCHOTTKY RECTIFIER
Note: 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. P.C.B. mounted with 0.2x0.2”(5.0x5.0mm) copper pad areas
Features
Circuit Diagram
Mechanical Data
Characteristic
Symbol
SS32
AF
SS33
AF
SS35
AF
SS36
AF
SS38
AF
SS310
AF
SS315
AF
SS320
AF
Units
Maximum Repetitive Peak Reverse Voltage
Maximum DC Blocking Voltage
VRRM
VDC
20
30
50
60
80
100
150
200
V
Maximum RMS Voltage
VRMS
14
21
35
42
56
70
105
150
V
Maximum Average Forward Rectified Current
at TL (see fig.1)
IF(AV)
3.0
A
Peak Forward Surge Current
8.3ms Single Half Sine-wave Superimposed on
Rated Load (JEDEC Method)
IFSM
70
A
Maximum Instantaneous Forward Voltage
@ IF = 3.0A, TJ = 25°C
VF
0.55
0.70
0.85
0.95
V
Maximum DC Reverse Current @TJ = 25°C
At Rated DC Blocking Voltage @TJ = 100°C
IR
0.5
0.1
mA
20
10
2.0
Typical Junction Capacitance(Note 1)
CJ
500
300
pF
Typical Thermal Resistance Junction to
Ambient(Note 2)
RθJA
80
°C/W
Operating Temperature Range
TJ
-55 to +125
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Case: JEDEC SMAF molded plastic body
Terminals: leads solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Weight: 0.038 grams
Mounting Position: Any
Schottky Barrier Rectifier
Guard Ring Die Protection
Low Forward Voltage
Reverse Energy Tested
High Current Capability
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
This is a Halogen Free device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon
request
SMAF


Similar Part No. - SS32AF

ManufacturerPart #DatasheetDescription
logo
Shanghai Yint Electroni...
SS32AF YINT-SS32AF Datasheet
482Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
SS32AF SAMYANG-SS32AF Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
logo
DAESAN ELECTRONIC CORP.
SS32AF DAESAN-SS32AF Datasheet
433Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS32AF

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
SB220 SMCDIODE-SB220 Datasheet
358Kb / 4P
SB220 THRU SB260 SCHOTTKY RECTIFIER
Rev. B
10DQ03 SMCDIODE-10DQ03 Datasheet
309Kb / 4P
10DQ03 THRU 10DQ06 SCHOTTKY RECTIFIER
S12U SMCDIODE-S12U Datasheet
272Kb / 4P
S12U THRU S120U SCHOTTKY RECTIFIER
Rev. A
SB120 SMCDIODE-SB120 Datasheet
307Kb / 4P
SB120 THRU SB160 SCHOTTKY RECTIFIER
Rev. C
SK12 SMCDIODE-SK12 Datasheet
241Kb / 4P
SK12 THRU SK110 SCHOTTKY RECTIFIER
Rev. B
SK22 SMCDIODE-SK22 Datasheet
251Kb / 4P
SK22 THRU SK210 SCHOTTKY RECTIFIER
Rev. C
SK32AF SMCDIODE-SK32AF Datasheet
449Kb / 4P
SK32AF THRU SK320AF SCHOTTKY RECTIFIER
Rev. B
SK32BF SMCDIODE-SK32BF Datasheet
558Kb / 4P
SK32BF THRU SK320BF SCHOTTKY RECTIFIER
Rev. A
logo
Burland Technology Solu...
SS22 BURLAND-SS22 Datasheet
283Kb / 4P
SS22 THRU SS210 SCHOTTKY RECTIFIER
Rev. A
SS22AF BURLAND-SS22AF Datasheet
299Kb / 4P
SS22AF THRU SS220AF SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com