Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2244 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MB2244
Description  16-bit buffer/line driver 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2244 Datasheet(HTML) 2 Page - NXP Semiconductors

  MB2244 Datasheet HTML 1Page - NXP Semiconductors MB2244 Datasheet HTML 2Page - NXP Semiconductors MB2244 Datasheet HTML 3Page - NXP Semiconductors MB2244 Datasheet HTML 4Page - NXP Semiconductors MB2244 Datasheet HTML 5Page - NXP Semiconductors MB2244 Datasheet HTML 6Page - NXP Semiconductors MB2244 Datasheet HTML 7Page - NXP Semiconductors MB2244 Datasheet HTML 8Page - NXP Semiconductors MB2244 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
MB2244
16-bit buffer/line driver (3-State)
2
1998 Jan 16
853–1572 18869
FEATURES
• 16-bit bus interface
• Multiple V
CC and GND pins minimize switching noise
• Power-up 3-State
• 3-State buffers
• Output capability: +64 mA/–32mA
• Latch-up protection exceeds 500mA per Jedec Std 17
• ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
• Inputs are disabled during 3-State mode
DESCRIPTION
The MB2244 high-performance BiCMOS device combines low
static and dynamic power dissipation with high speed and high
output drive.
The MB2244 device is an 16-bit buffer that is ideal for driving bus
lines. The device features four Output Enables (1OE, 2OE, 3OE,
4OE), each controlling four of the 3-State outputs.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nAx to nYx
CL = 50pF; VCC = 5V
3.2
3.1
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
COUT
Output capacitance
VO = 0V or VCC; 3-State
7
pF
ICCZ
Total supply current
Outputs disabled; VCC = 5.5V
50
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
52–pin plastic Quad Flat Pack
–40
°C to +85°C
MB2244 BB
MB2244 BB
SOT379-1
PIN CONFIGURATION
19
22
20
23
17
16
25
26
24
15
14
21
18
2Y3
3Y1
GND
GND
GND
2Y1
3Y3
VCC
3Y2
2Y0
3Y0
2Y2
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
47
44
46
43
49
50
41 40
42
51
52
45
48
2A3
3A1
GND
GND
GND
2A1
3A3
VCC
3A2
2A0
3A0
2A2
VCC
39
38
37
36
35
34
33
32
31
30
29
28
27
52-Pin
Plastic Quad Flat Pack
SB00033
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
44, 43, 41, 40,
38, 37, 35, 34,
32, 31, 29, 28,
26, 25, 23, 22
1A0 – 1A3,
2A0 – 2A3,
3A0 – 3A3,
4A0 – 4A3
Data inputs
48, 49, 51, 52,
2, 3, 5, 6,
8, 9, 11, 12,
14, 15, 17, 18
1Y0 – 1Y3,
2Y0 – 2Y3,
3Y0 – 3Y3,
4Y0 – 4Y3
Data outputs
47, 45,
19, 21
1OE, 2OE,
3OE, 4OE
Output enables
4, 7, 10, 16,
20, 24, 30, 33,
36, 42, 46, 50
GND
Ground (0V)
1, 13, 27, 39
VCC
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com