Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUW-040DXXXDX Datasheet(PDF) 4 Page - Inventronics Inc.

Part # EUW-040DXXXDX
Description  40W Programmable IP66/IP67 Tunable White Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EUW-040DXXXDX Datasheet(HTML) 4 Page - Inventronics Inc.

  EUW-040DXXXDX Datasheet HTML 1Page - Inventronics Inc. EUW-040DXXXDX Datasheet HTML 2Page - Inventronics Inc. EUW-040DXXXDX Datasheet HTML 3Page - Inventronics Inc. EUW-040DXXXDX Datasheet HTML 4Page - Inventronics Inc. EUW-040DXXXDX Datasheet HTML 5Page - Inventronics Inc. EUW-040DXXXDX Datasheet HTML 6Page - Inventronics Inc. EUW-040DXXXDX Datasheet HTML 7Page - Inventronics Inc. EUW-040DXXXDX Datasheet HTML 8Page - Inventronics Inc. EUW-040DXXXDX Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4 / 16
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
40W Programmable IP66/IP67 Tunable White Driver
EUW-040DxxxDx
Rev.B
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Dimming Specifications
Notes: (1) I1 current flows between V+ and V1-;
(2) I2 current flows between V+ and V2-.
Safety &EMC Compliance
Safety Category
Standard
UL/CUL
UL 8750,CAN/CSA-C22.2 No. 250.13
CCC
GB 19510.1, GB 19510.14
CE
EN 61347-1, EN 61347-2-13
Parameter
Min.
Typ.
Max.
Notes
Absolute Maximum Voltage on
the Vdim (+) Pin
-20 V
-
20 V
Source Current on Vdim (+)Pin
80 uA
130 uA
180 uA
Vdim(+) = 0 V,
Dimming
Output
Range
EUW-040S105Dx
1%Ioset
-
Ioset
700 mA ≤ Ioset ≤ 1050 mA
EUW-040S105Dx
7 mA
-
Ioset
7 mA ≤ Ioset < 700 mA
Recommended Dimming
Range for 1-5V
0.25 V
-
4.75 V
Dimming mode set to 1-5V in Inventronics
Programing Software..
CCT Range for 0-5V
0
-
5
CCT:I1 off Voltage
4.35
4.5
4.65
CCT:I1 on Voltage
4.15
4.3
4.45
CCT:I2 off Voltage
0.35
0.5
0.65
CCT:I2 on Voltage
0.55
0.7
0.85
Recommended Dimming
Range for 1-10V
1 V
-
9 V
Default 1-10V dimming mode with positive
logic.
CCT Range for 0-10V
0
-
9V
CCT:I1 off Voltage
8.35
8.5
8.65
CCT:I1 on Voltage
8.15
8.3
8.45
CCT:I2 off Voltage
0.35
0.5
0.65
CCT:I2 on Voltage
0.55
0.7
0.85
PWM_in High Level
-
-
10V
PWM_in Low Level
-
0V
-
PWM_in Frequency Range
200 Hz
-
2 KHz
PWM_in Duty Cycle
0%
-
100%
CCT:I1 off Voltage
83%
85%
87%
CCT:I1 on Voltage
81%
83%
85%
CCT:I2 off Voltage
3%
5%
7%
CCT:I2 on Voltage
5%
7%
9%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com