Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUW-100D210DX Datasheet(PDF) 11 Page - Inventronics Inc.

Part # EUW-100D210DX
Description  100W Programmable IP66 /IP67 Tunable White Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EUW-100D210DX Datasheet(HTML) 11 Page - Inventronics Inc.

Back Button EUW-100D210DX Datasheet HTML 7Page - Inventronics Inc. EUW-100D210DX Datasheet HTML 8Page - Inventronics Inc. EUW-100D210DX Datasheet HTML 9Page - Inventronics Inc. EUW-100D210DX Datasheet HTML 10Page - Inventronics Inc. EUW-100D210DX Datasheet HTML 11Page - Inventronics Inc. EUW-100D210DX Datasheet HTML 12Page - Inventronics Inc. EUW-100D210DX Datasheet HTML 13Page - Inventronics Inc. EUW-100D210DX Datasheet HTML 14Page - Inventronics Inc. EUW-100D210DX Datasheet HTML 15Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11 / 19
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
100W Programmable IP66/IP67 Tunable White Driver
EUW-100DxxxDx
Rev.B
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
 1-10V Dimming
The recommended implementation of the dimming control is provided below which shows total output current in
dimming voltage related diagram and I1(black), I2(blue) distribution in CCT voltage related diagram based on full
power.
Implementation 3
: Positive logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com