Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUW-150D320DX Datasheet(PDF) 16 Page - Inventronics Inc.

Part # EUW-150D320DX
Description  150W Programmable IP66 /IP67 Tunable White Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EUW-150D320DX Datasheet(HTML) 16 Page - Inventronics Inc.

Back Button EUW-150D320DX Datasheet HTML 11Page - Inventronics Inc. EUW-150D320DX Datasheet HTML 12Page - Inventronics Inc. EUW-150D320DX Datasheet HTML 13Page - Inventronics Inc. EUW-150D320DX Datasheet HTML 14Page - Inventronics Inc. EUW-150D320DX Datasheet HTML 15Page - Inventronics Inc. EUW-150D320DX Datasheet HTML 16Page - Inventronics Inc. EUW-150D320DX Datasheet HTML 17Page - Inventronics Inc. EUW-150D320DX Datasheet HTML 18Page - Inventronics Inc. EUW-150D320DX Datasheet HTML 19Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16 / 19
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
150W Programmable IP66/IP67 Tunable White Driver
EUW-150DxxxDx
Rev.C
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
 10V PWM Dimming
The recommended implementation of the dimming control is provided below.
Dim+/Dim2+
Dim-
Inventronics
LED Driver
V+
V2-
L
N
Vac
CCT/Dim1+
PWM
Signal
V1-
I2
I1
PWM
Signal
Implementation 2
: Positive logic
Notes: Do NOT connect Dim− to the output V− or V+, otherwise the driver will not work properly.
 Power transfer
This function is optional, when channel 1 is dim-to-off, part or all of its power can be transferred to channel 2 by
setting Inventronics Programing software.
For example
Select “Independent Mode”, then select “Modify Ch2 power_max” if power transfer function is needed. If input 80% in the
field, the I_Ch2 value will be added by 80%*I_Ch1 current when Ch1 is dimmed to off.
Please ensure the total power cannot exceed 150W.
 Output Lumen Compensation
Output Lumen Compensation (OLC) may be used to maintain constant light output over the life of the LEDs
by driving them at a reduced current when new, then gradually increasing the drive current over time to
counteract LED lumen degradation.
 Maximum Dimming Level with 9V or 10V Selectable
The maximum dimming level can be set as corresponding dimming voltage is 9V or 10V by Inventronics
Multi Programmer,9V is default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com