Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUC-024S035SSP Datasheet(PDF) 2 Page - Inventronics Inc.

Part # LUC-024S035SSP
Description  24W Constant Current IP20 Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

LUC-024S035SSP Datasheet(HTML) 2 Page - Inventronics Inc.

  LUC-024S035SSP Datasheet HTML 1Page - Inventronics Inc. LUC-024S035SSP Datasheet HTML 2Page - Inventronics Inc. LUC-024S035SSP Datasheet HTML 3Page - Inventronics Inc. LUC-024S035SSP Datasheet HTML 4Page - Inventronics Inc. LUC-024S035SSP Datasheet HTML 5Page - Inventronics Inc. LUC-024S035SSP Datasheet HTML 6Page - Inventronics Inc. LUC-024S035SSP Datasheet HTML 7Page - Inventronics Inc. LUC-024S035SSP Datasheet HTML 8Page - Inventronics Inc. LUC-024S035SSP Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2 / 11
Specifications are subject to changes without notice.
All specifications are typical at 25°C unless otherwise stated.
24W Constant Current IP20 Driver
LUC-024SxxxDSP(SSP)
Rev. J
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Input Specifications (Continued)
Parameter
Min.
Typ.
Max.
Notes
Power Factor
0.90
-
-
At 100-277Vac, 50-60Hz, 75%-100%load
(18-24W)
THD
-
-
20%
Output Specifications
Parameter
Min.
Typ.
Max.
Notes
Output Current Tolerance
-5%Io
-
5%Io
Output Current Ripple
-
30%Io
50%Io
At 100% load condition.
No Load Output Voltage
IO =
350 mA
IO =
500 mA
IO =
700 mA
IO = 1050 mA
-
-
-
-
-
-
-
-
80 V
55 V
42 V
30 V
Startup Overshoot Current
-
-
10%Io
At 100% load condition.
Line Regulation
-
-
±
1%
Measured at 100% load.
Load Regulation
-
-
±
3%
Turn-on Delay Time
-
0.4 s
0.75 s
Measured at 100% load and 120Vac input.
-
0.4 s
0.6 s
Measured at 100% load and 220Vac input.
Temperature Coefficient of
Iomax
-
0.03%/
C
-
Case temperature = 0
C~Tc max.
12V Auxiliary Output Voltage
10.5 V
12 V
12.5 V
12V Auxiliary Output Source
Current
-
-
60 mA
60%load~100% load, return terminal is “Dim-”
-
-
5 mA
50%load~60% load, return terminal is “Dim-”
Note: All specifications are tested by PWH01NKT-120-B2C unless otherwise stated.
General Specifications
Parameter
Min.
Typ.
Max.
Notes
Efficiency at 120 Vac input:
IO =
350 mA
IO =
500 mA
IO =
700 mA
IO = 1050 mA
84%
84%
83%
82%
85%
85%
84%
83%
-
-
-
-
Measured at 100% load and steady-state
temperature in 25
C ambient
Efficiency at 220 Vac input:
IO =
350 mA
IO =
500 mA
IO =
700 mA
IO = 1050 mA
85%
85%
84%
83%
86%
86%
85%
84%
-
-
-
-
Measured at 100% load and steady-state
temperature in 25
C ambient



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com