Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2245 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MB2245
Description  16-bit transceivers with direction pins 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2245 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MB2245 Datasheet HTML 2Page - NXP Semiconductors MB2245 Datasheet HTML 3Page - NXP Semiconductors MB2245 Datasheet HTML 4Page - NXP Semiconductors MB2245 Datasheet HTML 5Page - NXP Semiconductors MB2245 Datasheet HTML 6Page - NXP Semiconductors MB2245 Datasheet HTML 7Page - NXP Semiconductors MB2245 Datasheet HTML 8Page - NXP Semiconductors MB2245 Datasheet HTML 9Page - NXP Semiconductors MB2245 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
MB2245
16-bit transceiver with direction pins (3-State)
1998 Jan 16
6
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
INPUT
VM
VM
OUTPUT
VM
VM
tPHL
tPLH
SB00044
Waveform 1. Waveforms Showing the Input to Output
Propagation Delays
nOE
INPUT
VM
VM
tPZH
tPHZ
OUTPUT
VOH
VM
VM
OUTPUT
VOL
tPZL
tPLZ
3.5V
0V
VOL + 0.3V
VOH – 0.3V
SB00045
Waveform 2. Waveforms Showing the 3-State Output Enable
and Disable Times
TEST CIRCUIT AND WAVEFORMS
PULSE
GENERATOR
RT
VIN
D.U.T.
VOUT
CL
RL
VCC
RL
7.0V
Test Circuit for 3-State Outputs
VM
VM
tW
AMP (V)
NEGATIVE
PULSE
10%
10%
90%
90%
0V
VM
VM
tW
AMP (V)
POSITIVE
PULSE
90%
90%
10%
10%
0V
tTHL (tF)
tTLH (tR)tTHL (tF)
tTLH (tR)
VM = 1.5V
Input Pulse Definition
DEFINITIONS
RL =
Load resistor; see AC CHARACTERISTICS for value.
CL =
Load capacitance includes jig and probe capacitance; see AC
CHARACTERISTICS for value.
RT =
Termination resistance should be equal to ZOUT of pulse generators.
INPUT PULSE REQUIREMENTS
FAMILY
Amplitude
Rep. Rate
tW
tR
tF
MB
3.0V
1MHz
500ns
2.5ns
2.5ns
SWITCH POSITION
TEST
SWITCH
tPLZ
closed
tPZL
closed
All other
open
SB00010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com