Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM-1K0S20AMGS Datasheet(PDF) 2 Page - Inventronics Inc.

Part # SSM-1K0S20AMGS
Description  1000W Programmable Driver with INV Digital Dimming
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

SSM-1K0S20AMGS Datasheet(HTML) 2 Page - Inventronics Inc.

  SSM-1K0S20AMGS Datasheet HTML 1Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 2Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 3Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 4Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 5Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 6Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 7Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 8Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2 / 17
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
1000W Programmable Driver with INV Digital Dimming
SSM-1K0SxxxMGS
Rev.A
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Notes: (1) Output current range with constant power at 1000W.
(2) Certified input voltage range: 277-480Vac
(3) Measured at 100% load and 480Vac input (see below “General Specifications” for details).
(4) SELV output
I-V Operating Area
SSM-1K0S400MGS
SSM-1K0S840MGS
SSM-1K0S20AMGS
Input Specifications
Parameter
Min.
Typ.
Max.
Notes
Input AC Voltage
249 Vac
-
528 Vac
Input DC Voltage
352 Vdc
-
500 Vdc
Input Frequency
47 Hz
-
63 Hz
Leakage Current
-
-
0.75 MIU
UL 8750; 480Vac/ 60Hz
0.70 mA
IEC 60598-1; 480Vac/ 60Hz
(4000, 250)
(4000, 175)
(1920, 312)
(3200, 312)
(Ioset,1000/Ioset)
(Ioset, 175)
(400, 175)
(10%Ioset,1000/Ioset)
(320, 312)
100
140
180
220
260
300
340
0
800
1600
2400
3200
4000
4800
Output Current (mA)
Note: 3200mA≤Ioset≤4000mA
Good Performance Area
Programmed Operating Area
Allowed Operating Area
(8400, 120)
(8400, 84)
(4032, 149)
(6720, 149)
(Ioset,1000/Ioset)
(Ioset, 84)
(840, 84)
(10%Ioset,1000/Ioset)
(672, 149)
55
74
93
112
131
150
169
0
1680
3360
5040
6720
8400
10080
Output Current (mA)
Note: 6720mA≤Ioset≤8400mA
Good Performance Area
Programmed Operating Area
Allowed Operating Area
(20000, 50)
(20000, 34)
(11100, 54)
(18500, 54)
(Ioset,1000/Ioset)
(Ioset, 34)
(2000, 34)
(10%Ioset,1000/Ioset)
(1850, 54)
24
30
36
42
48
54
60
0
4000
8000
12000
16000
20000
24000
Output Current (mA)
Note: 18500mA≤Ioset≤20000mA
Good Performance Area
Programmed Operating Area
Allowed Operating Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com