Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL320GT40PCF Datasheet(PDF) 56 Page - Advanced Micro Devices

Part # AM29DL320GT40PCF
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL320GT40PCF Datasheet(HTML) 56 Page - Advanced Micro Devices

Back Button AM29DL320GT40PCF Datasheet HTML 50Page - Advanced Micro Devices AM29DL320GT40PCF Datasheet HTML 51Page - Advanced Micro Devices AM29DL320GT40PCF Datasheet HTML 52Page - Advanced Micro Devices AM29DL320GT40PCF Datasheet HTML 53Page - Advanced Micro Devices AM29DL320GT40PCF Datasheet HTML 54Page - Advanced Micro Devices AM29DL320GT40PCF Datasheet HTML 55Page - Advanced Micro Devices AM29DL320GT40PCF Datasheet HTML 56Page - Advanced Micro Devices AM29DL320GT40PCF Datasheet HTML 57Page - Advanced Micro Devices AM29DL320GT40PCF Datasheet HTML 58Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 56 / 58 page
background image
54
Am29DL320G
REVISION SUMMARY
Revision A (December 6, 2001)
Initial release.
Revision A+1 (February 19, 2002)
Ordering Information
Corrected package marking for 6 x 12 mm FBGA
package.
Revision B (July 31, 2002)
Global
Added LAA064 package.
Ordering Information
Corrected package marking for FBGA.
AC Characteristics
Added 70 ns speed grade to Test Specifications and
Read-Only Operations
Revision C (October 13, 2003)
Global
Changed Advance Information datasheet status to
Final.
Ordering Information
Removed standard products E temperature range,
and EE & EEN from Valid Combinations for TSOP
packages.
Table 6 Autoselect Codes
Changed SecSi Indicator Bit (DQ7) for BYTE# = V
IL
from X to 82, and DQ7 to Q10 to 82h (factory locked),
02h (not factory locked).
Customer Lockable: SecSi Sector NOT Pro-
grammed or Protected At the Factory
Replaced second bullet, added the two paragraphs
under bullet and Figure 3.
Common Flash Memory Interface (CFI)
Modified third and fourth paragraphs.
Command Definitions
Modified information for array data.
Enter SecSi Sector/Exit SecSi Sector Command
Sequence
Added ACC function note to end of paragraph.
Table 13 Command Definitions
Changed fourth data from 81/01 to 82/02.
Operating Ranges
Removed extended (E) devices information.
DC characteristics - CMOS Compatible
Added I
LR information.
Trademarks
Updated to 2003 standards.
Revision C + 1 (May 27, 2004)
Ordering Information
Added Lead-free (Pb-free) options to the Temperature
range breakout of the OPN Table and the Valid Combi-
nations table.
Revision C + 2 (September 27, 2004)
Cover sheet and title page
Added notation to superseding documents.
Revision C + 3 (May 25, 2005)
Cover sheet and title page
Added notation to superseding documents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com