Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM-760S15AMGS Datasheet(PDF) 2 Page - Inventronics Inc.

Part # SSM-760S15AMGS
Description  760W Programmable Dri ver with INV Digital Dimming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

SSM-760S15AMGS Datasheet(HTML) 2 Page - Inventronics Inc.

  SSM-760S15AMGS Datasheet HTML 1Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 2Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 3Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 4Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 5Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 6Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 7Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 8Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2 / 16
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
760W Programmable Driver with INV Digital Dimming
SSM-760SxxxMGS
Rev.A
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
I-V Operating Area
Input Specifications
Parameter
Min.
Typ.
Max.
Notes
Input AC Voltage
249 Vac
-
528 Vac
Input DC Voltage
352 Vdc
-
500 Vdc
Input Frequency
47 Hz
-
63 Hz
Leakage Current
-
-
0.75 MIU
UL 8750; 480Vac/ 60Hz
-
-
0.70 mA
IEC 60598-1; 480Vac/ 60Hz
Input AC Current
-
-
3.24 A
Measured at 100% load and 277 Vac
input.
-
-
1.87 A
Measured at 100% load and 480 Vac
input.
Inrush Current(I2t)
-
-
1.80 A2s
At 480Vac input, 25
℃ cold start,
duration=6.06 ms, 10%Ipk-10%Ipk. See
Inrush Current Waveform for the details.
PF
0.90
-
-
At 277-480Vac,50-60Hz, 60%-100%Load
(456 - 760W)
THD
-
-
20%
Output Specifications
Parameter
Min.
Typ.
Max.
Notes
Output Current Tolerance
-5%Ioset
-
5%Ioset
100% load
Output Current Setting(Ioset
Range)
SSM-760S15AMGS
1400 mA
-
15800 mA
Output Current Setting Range with
Constant Power
SSM-760S15AMGS
14000 mA
-
15800 mA
Total Output Current Ripple
(pk-pk)
-
5%Iomax
10%Iomax
100% load, 20 MHz BW
(15800, 48)
(15800, 34)
(8400, 54)
(14000, 54)
(Ioset,760/Ioset)
(Ioset, 34)
(1580, 34)
(10%Ioset,760/Ioset)
(1400, 54)
24
30
36
42
48
54
60
0
3160
6320
9480
12640
15800
18960
Output Current (mA)
Note: 14000mA≤Iose≤15800mA
Good Performance Area
Programmed Operating Area
Allowed Operating Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com