Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA741CD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MA741CD
Description  General purpose operational amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MA741CD Datasheet(HTML) 5 Page - NXP Semiconductors

  MA741CD Datasheet HTML 1Page - NXP Semiconductors MA741CD Datasheet HTML 2Page - NXP Semiconductors MA741CD Datasheet HTML 3Page - NXP Semiconductors MA741CD Datasheet HTML 4Page - NXP Semiconductors MA741CD Datasheet HTML 5Page - NXP Semiconductors MA741CD Datasheet HTML 6Page - NXP Semiconductors MA741CD Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
µA741/µA741C/SA741C
General purpose operational amplifier
1994 Aug 31
5
TYPICAL PERFORMANCE CHARACTERISTICS
–55oC < TA < +125
oC
RL > 2kΩ
40
36
32
28
24
20
16
12
8
4
0
5
10
15
20
SUPPLY VOLTAGE — +V
–55oC < TA < +125
oC
16
14
12
10
8
6
4
2
0
5
10
15
20
SUPPLY VOLTAGE — +V
TA = 25
oC
100
80
60
40
20
0
5
10
15
20
SUPPLY VOLTAGE — +V
VS = +15V
500
400
300
200
100
0
–60
–20
20
60
100
140
TEMPERATURE — oC
10.0
5.0
3.0
1.0
0.5
0.3
0.1
–60
–20
20
60
100
140
TEMPERATURE — oC
TA = 25
oC
TA = 25
oC
SUPPLY VOLTAGE — +V
40
30
20
10
0
5
10
15
20
VS = ±15
oC
140
120
100
80
60
40
20
0
–60
–20
20
60
100
140
TEMPERATURE — oC
70
60
50
40
30
–60
–20
20
60
100
140
TEMPERATURE — oC
VS = +15V
TA = 25
oC
28
26
24
22
20
18
16
14
12
10
8
0.1
0.2
0.5 1.0
2.0
5.0
10
LOAD RESISTANCE — k
Ω
Output Voltage Swing as a
Function of Supply Voltage
Input Common–Mode Voltage Range
as a Function of Supply Voltage
Power Consumption as a
Function of Supply Voltage
Input Bias Current as a Function
of Ambient Temperature
Input Resistance as a Function
of Ambient Temperature
Input Offset Current as a
Function of Supply Voltage
Input Offset Current as a
Function of Ambient Temperature
Power Consumption as a
Function of Ambient Temperature
Output Voltage Swing as a
Function of Load Resistance
VS = ±15
oC
SL00097
Figure 3. Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com