Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99W Datasheet(PDF) 1 Page - Comchip Technology

Part # BAV99W
Description  Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BAV99W Datasheet(HTML) 1 Page - Comchip Technology

  BAV99W Datasheet HTML 1Page - Comchip Technology BAV99W Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.comchip.com.tw
COMCHIP
SOT-323
Dimensions in inches (millimeters)
MDS030
2003A
Page 1
.056(1.4) .047(1.2)
.087 (2.2)
.016 (.40)
.016 (.40) max.
Top View
.087 (2.2)
.070 (1.8)
.078(2. 0)
.016 (.40)
Rating
Symbol
Value
Units
Continuous Reverse Voltage
VR
70
VDC
Peak Forward Current
IF
215
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
Characteristic
Symbol
Max
Units
Total Device Dissipation FR– 5 Board(1)
TA = 25°C
225
mW
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
R JA
556
°C/W
Total Device Dissipation Alumina Substrate,(2) TA = 25°C
300
mW
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
R JA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
–55 to +150
°C
Characteristic (OFF CHARACTERISTICS)
Symbol
Min
Max
Units
Reverse Breakdown Voltage ( I(BR) = 100 uAdc )
V(BR)
70
-
Vdc
Reverse Voltage Leakage Current
VR = 25 Vdc, TJ = 150°C
-
30
VR = 70 Vdc
-
2.5
VR = 70 Vdc, TJ = 150°C
-
50
Diode Capacitance (VR = 0, f = 1.0 MHz))
CD
1.5
pF
Forward Voltage
I F = 1.0 mAdc
-
715
I F = 10 mAdc
-
855
I F = 50 mAdc
-
1000
I F = 150 mAdc
-
1250
Reverse Recovery Time (IF = IR = 10 mAdc, IR(REC) = 1.0mAdc) RL = 100
Trr
6.0
nS
mV
1.FR–5 = 1.0 X 0.75X 0.062 in.
2.Aluminum = 0.4X 0.3X 0.024 in. 99.5% aluminum.
PD
Electrical Characterics (TA = 25°C unless otherwise noted)
IR
VF
Maximum Ratings
Thermal Characteristics
PD
uAdc
CATHODE
1
2
BAV99
W
ANODE
CATHODE
3
ANODE
1
2
CATHODE
3
ANODE
CATHODE
1
2
ANODE
CATHODE
3
ANODE
CATHODE
1
2
ANODE
CATHODE
3
ANODE
BAL99
W
BAW56
W
BAV7
0W
3
2
1
Voltage: 70 Volts
Current: 215mA
BAV99
W Thru BAW56W
Features
Fast Switching Speed
Surface Mount Package Ideally Suited
for Automatic Insertio
For General Purpose Switching Applications
High Conductance
Mechanical data
Case: SOT - 323, Plastic
Approx. Weight: 0.008 gram
This diodes is also available in other
chip inside with type
configurations including a dual common
cathode with type designation BAV70W,a dual
common anodes with type designation
BAW56 and single
Designation BAL99W
Surface Mount Switching Diode


Similar Part No. - BAV99W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV99W PANJIT-BAV99W Datasheet
111Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV99W PHILIPS-BAV99W Datasheet
58Kb / 12P
High-speed double diode
1999 May 11
logo
Transys Electronics
BAV99W TRSYS-BAV99W Datasheet
147Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAV99W WTE-BAV99W Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Siemens Semiconductor G...
BAV99W SIEMENS-BAV99W Datasheet
71Kb / 4P
Silicon Switching Diode Array (Connected in series For high speed switching applications)
More results

Similar Description - BAV99W

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com