Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2377 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MB2377
Description  Dual octal D-type flip-flop with enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2377 Datasheet(HTML) 2 Page - NXP Semiconductors

  MB2377 Datasheet HTML 1Page - NXP Semiconductors MB2377 Datasheet HTML 2Page - NXP Semiconductors MB2377 Datasheet HTML 3Page - NXP Semiconductors MB2377 Datasheet HTML 4Page - NXP Semiconductors MB2377 Datasheet HTML 5Page - NXP Semiconductors MB2377 Datasheet HTML 6Page - NXP Semiconductors MB2377 Datasheet HTML 7Page - NXP Semiconductors MB2377 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors Products
Product specification
MB2377
Dual octal D-type flip-flop with enable
August 23, 1993
2
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
44, 43, 41, 40, 38, 37, 35, 34,
32, 31, 29, 28, 26, 25, 23, 22
1D0 – 1D7
2D0 – 2D7
Data inputs
48, 49, 51, 52, 2, 3, 5, 6,
8, 9, 11, 12, 14, 15, 17, 18
1Q0 – 1Q7
2Q0 – 2Q7
Data outputs
47, 19
1E, 2E
Enable inputs (active-Low)
45, 21
1CP, 2CP
Clock pulse inputs (active rising edge)
4, 7, 10, 16, 20, 24, 30, 33,
36, 42, 46, 50
GND
Ground (0V)
1, 13, 27, 39
VCC
Positive supply voltage
LOGIC SYMBOL (IEEE/IEC)
45
47
44
48
43
49
41
51
40
52
G1
1C2
38
2
37
3
35
5
34
6
2D
19
32
8
31
9
29
11
28
12
G1
21
1C2
26
14
25
15
23
17
22
18
2D
LOGIC DIAGRAM
D
Q
CP
D
CP
D
CP
D
Q
CP
Q
Q
nQ0
nQ1
nQ2
nQ3
nCP
nD0
nD1
nD2
nD3
D
Q
CP
D
CP
D
CP
D
Q
CP
Q
Q
nD4
nD5
nD6
nD7
nQ4
nQ5
nQ6
nQ7
nE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com