Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2541 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MB2541
Description  Dual octal buffer line driver 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2541 Datasheet(HTML) 2 Page - NXP Semiconductors

  MB2541 Datasheet HTML 1Page - NXP Semiconductors MB2541 Datasheet HTML 2Page - NXP Semiconductors MB2541 Datasheet HTML 3Page - NXP Semiconductors MB2541 Datasheet HTML 4Page - NXP Semiconductors MB2541 Datasheet HTML 5Page - NXP Semiconductors MB2541 Datasheet HTML 6Page - NXP Semiconductors MB2541 Datasheet HTML 7Page - NXP Semiconductors MB2541 Datasheet HTML 8Page - NXP Semiconductors MB2541 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
MB2541
16-bit buffer/line drivers (3-State)
2
1998 Jan 16
853–1574 18869
FEATURES
• Two 8-bit bus interfaces
• Power-up 3-State
• Multiple V
CC and GND pins minimize switching noise
• Provides ideal interface and increases fan-out of MOS
Microprocessors
• 3-State buffers sink 64mA and source 32mA
• Latch-up protection exceeds 500mA per Jedec Std 17
• ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
• Inputs are disabled during 3-State mode
DESCRIPTION
The MB2541 high-performance BiCMOS device combines low
static and dynamic power dissipation with high speed and high
output drive.
The MB2541 has two 8-bit buffers that are ideal for driving bus lines.
The outputs are all capable of sinking 64mA and sourcing 32mA.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nIx to nYx
CL = 50pF; VCC = 5V
3.0
3.1
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
COUT
Output capacitance
VO = 0V or VCC; 3-State
7
pF
ICCZ
Total supply current
Outputs disabled; VCC =5.5V
65
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
52–pin plastic Quad Flat Pack
–40
°C to +85°C
MB2541 BB
MB2541 BB
SOT379-1
PIN CONFIGURATION
1A6
19
22
20
23
17
16
25
26
24
15
14
21
18
1Y7
2Y1
GND
GND
GND
1Y5
2Y3
VCC
2Y2
1Y4
2Y0
1Y6
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
47
44
46
43
49
50
41 40
42
51
52
45
48
1A7
2A1
GND
GND
GND
1A5
2A3
VCC
2A2
1A4
2A0
VCC
39
38
37
36
35
34
33
32
31
30
29
28
27
52–pin PQFP
SB00082
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
44, 43, 41, 40,
38, 37, 35, 34,
32, 31, 29, 28,
26, 25, 23, 22
1A0 – 1A7
2A0 – 2A7
Data inputs
48, 49, 51, 52,
2, 3, 5, 6,
8, 9, 11, 12,
14, 15, 17, 18
1Y0 – 1Y7,
2Y0 – 2Y7
Data outputs
47, 45, 19, 21
1OE0, 1OE1,
2OE0, 2OE1
Output enables
4, 7, 10, 16,
20, 24, 30, 33,
36, 42, 46, 50
GND
Ground (0V)
1, 13, 27, 39
VCC
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com