Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWA-EU3 Datasheet(PDF) 2 Page - ELATEC GmbH

Part # PWA-EU3
Description  POWER SUPPLIES AC POWER WALL ADAPTERS EU/JP/UK/US
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELATEC [ELATEC GmbH]
Direct Link  https://www.elatec-rfid.com/int/
Logo ELATEC - ELATEC GmbH

PWA-EU3 Datasheet(HTML) 2 Page - ELATEC GmbH

  PWA-EU3 Datasheet HTML 1Page - ELATEC GmbH PWA-EU3 Datasheet HTML 2Page - ELATEC GmbH PWA-EU3 Datasheet HTML 3Page - ELATEC GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2021 – ELATEC GmbH – DS Power Supplies EU/JP/UK/US – DocRev1 – 11/2021
Page 2 of 3
TECHNICAL DATA
INPUT FREQUENCY
50 – 60 Hz (variation range: 47 – 63 Hz)
INPUT VOLTAGE
100 – 240 V AC (variation range: 90 – 264 V AC)
INPUT CURRENT
Max. 0.6 A
INRUSH CURRENT
Max. 50 A
LEAKAGE CURRENT
Max. 0.25 mA (at 240 V AC input)
OUTPUT VOLTAGE
5 V DC
MIN. LOAD / MAX. LOAD
0 A / 3 A
OUTPUT POWER
15 W
RIPPLE AND NOISE
Max. 100 mV p-p (under rated voltage and nominal load)
TURN-ON DELAY TIME
Max. 2 s (at 230 V AC input and output max. load)
RISE TIME
Max. 100 ms (at 115 V AC input and output max. load)
HOLD UP TIME
Min. 7 ms (at 115 V AC input and output max. load)
HOUSING
Material: PC, color: black
Max. dimensions, housing only, w/o contact pin (L x W x H):
AC Power Wall Adapter EU: approx. 82.5 x 45.0 x 32.2 mm / 3.2 x 1.8 x 1.3 inch
AC Power Wall Adapter JP: approx. 88.9 x 48.5 x 33.6 mm / 3.5 x 1.9 x 1.3 inch
AC Power Wall Adapter UK: approx. 82.5 x 50.3 x 38.7 mm / 3.2 x 2.0 x 1.5 inch
AC Power Wall Adapter US: approx. 82.5 x 45.0 x 32.2 mm / 3.2 x 1.8 x 1.3 inch
CABLE
Length, w/o pin connector: approx. 153 cm / 60.0 inch
Color: black
TEMPERATURE RANGE
Operating: 0 °C up to +40 °C (32 °F up to +104 °F)
Storage: -20 °C up to +85 °C (-4 °F up to +185 °F)
RELATIVE HUMIDITY
5% to 90% operating humidity
CERTIFICATION(S)
AC Power Wall Adapter EU: CE, GS
AC Power Wall Adapter JP: PSE
AC Power Wall Adapter UK: CE, BS
AC Power Wall Adapter US: FCC, UL
All models are REACH and RoHS compliant.
ORDER CODES
PWA-EU3: AC Power Wall Adapter EU
PWA-JP3: AC Power Wall Adapter JP
PWA-UK3: AC Power Wall Adapter UK
PWA-US3: AC Power Wall Adapter US



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com