Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T4W2-F02B6-PI Datasheet(PDF) 2 Page - ELATEC GmbH

Part # T4W2-F02B6-PI
Description  TWN4 Palon Compact M Light Multi-frequency RFID module (LF/HF) with NFC support
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELATEC [ELATEC GmbH]
Direct Link  https://www.elatec-rfid.com/int/
Logo ELATEC - ELATEC GmbH

T4W2-F02B6-PI Datasheet(HTML) 2 Page - ELATEC GmbH

  T4W2-F02B6-PI Datasheet HTML 1Page - ELATEC GmbH T4W2-F02B6-PI Datasheet HTML 2Page - ELATEC GmbH T4W2-F02B6-PI Datasheet HTML 3Page - ELATEC GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2023 – ELATEC GmbH – TWN4 Palon Compact M Light data sheet – DocRev04 – EN – 11/2023
Page 2 of 3
TECHNICAL DATA
FREQUENCIES
125 kHz (LF) / 13.56 MHz (HF)
ANTENNAS
Integrated
DIMENSIONS (L X W X H)
PCB board, twin stack: approx. 40.65 x 43.85 x 28.20 mm / 1.60 x 1.73 x 1.11 inch
Refer to the TWN4 Palon Technical Handbook (DevPack documentation) for tolerances
POWER
Micro USB: 4.3 V – 5.5 V
Connector X1: 9.0 V – 30 V
PS2 classified power source according to IEC 62368-1, short-circuit current < 8 A
CURRENT CONSUMPTION
Operating: 160 mA @ 12 V typically / Idle: 50 mA @ 12 V typ. / Peak: 250 mA @ 12 V typ.
TEMPERATURE RANGE
Operating: -25 °C up to +80 °C (-13 °F up to +176 °F)
Storage: -40 °C up to +85 °C (-40 °F up to +185 °F)
RELATIVE HUMIDITY
5% to 95% non-condensing
READ/WRITE DISTANCE
LF and HF: up to 100 mm / 4 inch, depending on environment and transponder
OPERATING MODES (USB)
USB keyboard emulation – USB virtual COM port – CCID / PC/SC 2.01
MTBF
500,000 hours
WEIGHT
Approx. 25 g / 0.88 oz
SABOTAGE DETECTION
Infrared tamper detector, front facing
WIRE CONNECTOR
PCB terminal block, 8 positions, push-in spring connection for wires 0.2 to 0.5 mm² /
AWG 24 to 20, tool-free cable wiring
DIP SWITCH
8 position DIP switch for RS-485: addressing, speed settings, line termination
SIGNALING
1 center RGB LED
Acoustic loudspeaker
SUPPORTED OPTIONS AND
TRANSPONDERS
Depending on the firmware version and installed options, ELATEC readers and modules
can support a wide range of RFID technologies. Please refer to the relevant ELATEC
transponder matrix (available at www.elatec-rfid.com/int/transponder-technology) for more
information about the available options and RFID technologies supported by the product.
OS SUPPORT
Windows 7 (32-/64-bit) and higher versions, Linux, Android1), iOS1), MAC OS X1)
PERIPHERAL INTERFACES
Micro USB, RS-485, OSDP1), 1 SAM slot for ID-000 card format, output 5V: Wiegand
D0/D1, Clock/Data
TRANSMISSION SPEED
USB full speed (12 Mbit/s), HF Air: up to 848 kbit/s, RS-485: up to 38,400 baud
CERTIFICATION NAME
TWN4 Palon Compact M Light
CERTIFICATIONS
Non-exhaustive list2):
CE/RED, FCC, IC, REACH and RoHS-III compliant
ORDER CODES
T4W2-F02B6
Standard reader module
T4W2-F02B6-P
Reader module with P option
T4W2-F02B6-PI
Reader module with PI options
1)
On request
2)
The product has been certified for use in many countries and regions. Contact your Sales representative for detailed information about all certifications and
approvals granted to the product.
ACCESSORIES
CABLES
ELATEC RFID modules can be delivered with additional cables. Refer to the data sheet
Cables for ELATEC devices for detailed information.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com