Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H802 Datasheet(PDF) 2 Page - INEOS Styrolution Group GmbH Mainzer LandstraBe

Part # H802
Description  Acrylonitrile Butadiene Styrene (ABS)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INEOS [INEOS Styrolution Group GmbH Mainzer LandstraBe]
Direct Link  https://www.ineos-styrolution.com/index.html
Logo INEOS - INEOS Styrolution Group GmbH Mainzer LandstraBe

H802 Datasheet(HTML) 2 Page - INEOS Styrolution Group GmbH Mainzer LandstraBe

  H802 Datasheet HTML 1Page - INEOS Styrolution Group GmbH Mainzer LandstraBe H802 Datasheet HTML 2Page - INEOS Styrolution Group GmbH Mainzer LandstraBe H802 Datasheet HTML 3Page - INEOS Styrolution Group GmbH Mainzer LandstraBe  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Novodur H802
Acrylonitrile Butadiene Styrene (ABS)
Contact us:
Phone +49 (2133) 9309 – 168
INSTY.emea@ineos.com
www.ineos-styrolution.com
Page 2 of 3
Revision Date: 2016.01.17
Property, Test Condition
Standard
Unit
Values
Heat Deflection Temperature A; (annealed 4 h/80 °C; 1.8 MPa)
ISO 75
°C
101
Heat Deflection Temperature B; (annealed 4 h/80 °C; 0.45 MPa)
ISO 75
°C
107
Coefficient of Linear Thermal Expansion
ISO 11359
10 /°C
80
Electrical Properties
Dissipation Factor (100 Hz)
IEC 60250
10-4
60
Dissipation Factor (1 MHz)
IEC 60250
10-4
100
Dielectric Strength, Short Time, 1.0 mm
IEC 60243-1
kV/mm
34
Relative Permittivity (100 Hz)
IEC 60250
-
3.1
Relative Permittivity (1 MHz)
IEC 60250
-
3
Comparative Tracking Index
IEC 60112
V
600
Volume Resistivity
IEC 60093
Ohm*m
>1013
Surface Resistivity
IEC 60093
Ohm
>1015
Other Properties
Density
ISO 1183
kg/m³
1050
UL94 rating at 1.5 mm thickness
IEC 60695-11-10
-
HB
Burning rate (US-FMVSS), 2.0 mm
ISO 3795
mm/min
55
Glow wire test (GWFI), 2.0 mm
IEC 60695-2-12
°C
700
Processing
Linear Mold Shrinkage
ISO 294-4
%
0.4 - 0.7
Melt Temperature Range
ISO 294
°C
230 - 260
Mold Temperature Range
ISO 294
°C
60 - 80
Injection Velocity
ISO 294
mm/s
240
Drying Temperature
-
°C
80
Drying Time
-
h
2 - 4
Typical values for uncolored products
-6
-4
-4
13
15



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com