Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDL640G Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM29PDL640G
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDL640G Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM29PDL640G Datasheet HTML 12Page - Advanced Micro Devices AM29PDL640G Datasheet HTML 13Page - Advanced Micro Devices AM29PDL640G Datasheet HTML 14Page - Advanced Micro Devices AM29PDL640G Datasheet HTML 15Page - Advanced Micro Devices AM29PDL640G Datasheet HTML 16Page - Advanced Micro Devices AM29PDL640G Datasheet HTML 17Page - Advanced Micro Devices AM29PDL640G Datasheet HTML 18Page - Advanced Micro Devices AM29PDL640G Datasheet HTML 19Page - Advanced Micro Devices AM29PDL640G Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
14
Am29PDL640G
December 13, 2005
D A TA SH EE T
SA23
0010000xxx
32
80000h–87FFFh
SA24
0010001xxx
32
88000h–8FFFFh
SA25
0010010xxx
32
90000h–97FFFh
SA26
0010011xxx
32
98000h–9FFFFh
SA27
0010100xxx
32
A0000h–A7FFFh
SA28
0010101xxx
32
A8000h–AFFFFh
SA29
0010110xxx
32
B0000h–B7FFFh
SA30
0010111xxx
32
B8000h–BFFFFh
SA31
0011000xxx
32
C0000h–C7FFFh
SA32
0011001xxx
32
C8000h–CFFFFh
SA33
0011010xxx
32
D0000h–D7FFFh
SA34
0011011xxx
32
D8000h–DFFFFh
SA35
0011000xxx
32
E0000h–E7FFFh
SA36
0011101xxx
32
E8000h–EFFFFh
SA37
0011110xxx
32
F0000h–F7FFFh
SA38
0011111xxx
32
F8000h–FFFFFh
SA39
0100000xxx
32
F9000h–107FFFh
SA40
0100001xxx
32
108000h–10FFFFh
SA41
0100010xxx
32
110000h–117FFFh
SA42
0101011xxx
32
118000h–11FFFFh
SA43
0100100xxx
32
120000h–127FFFh
SA44
0100101xxx
32
128000h–12FFFFh
SA45
0100110xxx
32
130000h–137FFFh
SA46
0100111xxx
32
138000h–13FFFFh
SA47
0101000xxx
32
140000h–147FFFh
SA48
0101001xxx
32
148000h–14FFFFh
SA49
0101010xxx
32
150000h–157FFFh
SA50
0101011xxx
32
158000h–15FFFFh
SA51
0101100xxx
32
160000h–167FFFh
SA52
0101101xxx
32
168000h–16FFFFh
SA53
0101110xxx
32
170000h–177FFFh
SA54
0101111xxx
32
178000h–17FFFFh
SA55
0110000xxx
32
180000h–187FFFh
SA56
0110001xxx
32
188000h–18FFFFh
SA57
0110010xxx
32
190000h–197FFFh
SA58
0110011xxx
32
198000h–19FFFFh
SA59
0100100xxx
32
1A0000h–1A7FFFh
SA60
0110101xxx
32
1A8000h–1AFFFFh
SA61
0110110xxx
32
1B0000h–1B7FFFh
SA62
0110111xxx
32
1B8000h–1BFFFFh
SA63
0111000xxx
32
1C0000h–1C7FFFh
SA64
0111001xxx
32
1C8000h–1CFFFFh
SA65
0111010xxx
32
1D0000h–1D7FFFh
SA66
0111011xxx
32
1D8000h–1DFFFFh
SA67
0111100xxx
32
1E0000h–1E7FFFh
SA68
0111101xxx
32
1E8000h–1EFFFFh
SA69
0111110xxx
32
1F0000h–1F7FFFh
SA70
0111111xxx
32
1F8000h–1FFFFFh
Table 4.
Am29PDL640G Sector Architecture
Bank
Sector
Sector
Address
A21–A12
Sector
Size
(Kwords)
Address Range
SA71
1000000xxx
32
200000h–207FFFh
SA72
1000001xxx
32
208000h–20FFFFh
SA73
1000010xxx
32
210000h–217FFFh
SA74
1000011xxx
32
218000h–21FFFFh
SA75
1000100xxx
32
220000h–227FFFh
SA76
1000101xxx
32
228000h–22FFFFh
SA77
1000110xxx
32
230000h–237FFFh
SA78
1000111xxx
32
238000h–23FFFFh
SA79
1001000xxx
32
240000h–247FFFh
SA80
1001001xxx
32
248000h–24FFFFh
SA81
1001010xxx
32
250000h–257FFFh
SA82
1001011xxx
32
258000h–25FFFFh
SA83
1001100xxx
32
260000h–267FFFh
SA84
1001101xxx
32
268000h–26FFFFh
SA85
1001110xxx
32
270000h–277FFFh
SA86
1001111xxx
32
278000h–27FFFFh
SA87
1010000xxx
32
280000h–28FFFFh
SA88
1010001xxx
32
288000h–28FFFFh
SA89
1010010xxx
32
290000h–297FFFh
SA90
1010011xxx
32
298000h–29FFFFh
SA91
1010100xxx
32
2A0000h–2A7FFFh
SA92
1010101xxx
32
2A8000h–2AFFFFh
SA93
1010110xxx
32
2B0000h–2B7FFFh
SA94
1010111xxx
32
2B8000h–2BFFFFh
SA95
1011000xxx
32
2C0000h–2C7FFFh
SA96
1011001xxx
32
2C8000h–2CFFFFh
SA97
1011010xxx
32
2D0000h–2D7FFFh
SA98
1011011xxx
32
2D8000h–2DFFFFh
SA99
1011100xxx
32
2E0000h–2E7FFFh
SA100
1011101xxx
32
2E8000h–2EFFFFh
SA101
1011110xxx
32
2F0000h–2FFFFFh
SA102
1011111xxx
32
2F8000h–2FFFFFh
SA103
1100000xxx
32
300000h–307FFFh
SA104
1100001xxx
32
308000h–30FFFFh
SA105
1100010xxx
32
310000h–317FFFh
SA106
1100011xxx
32
318000h–31FFFFh
SA107
1100100xxx
32
320000h–327FFFh
SA108
1100101xxx
32
328000h–32FFFFh
SA109
1100110xxx
32
330000h–337FFFh
SA110
1100111xxx
32
338000h–33FFFFh
SA111
1101000xxx
32
340000h–347FFFh
SA112
1101001xxx
32
348000h–34FFFFh
SA113
1101010xxx
32
350000h–357FFFh
SA114
1101011xxx
32
358000h–35FFFFh
SA115
1101100xxx
32
360000h–367FFFh
SA116
1101101xxx
32
368000h–36FFFFh
SA117
1101110xxx
32
370000h–377FFFh
SA118
1101111xxx
32
378000h–37FFFFh
Table 4.
Am29PDL640G Sector Architecture
Bank
Sector
Sector
Address
A21–A12
Sector
Size
(Kwords)
Address Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com