Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD640G73UI Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # PD640G73UI
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PD640G73UI Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button PD640G73UI Datasheet HTML 3Page - Advanced Micro Devices PD640G73UI Datasheet HTML 4Page - Advanced Micro Devices PD640G73UI Datasheet HTML 5Page - Advanced Micro Devices PD640G73UI Datasheet HTML 6Page - Advanced Micro Devices PD640G73UI Datasheet HTML 7Page - Advanced Micro Devices PD640G73UI Datasheet HTML 8Page - Advanced Micro Devices PD640G73UI Datasheet HTML 9Page - Advanced Micro Devices PD640G73UI Datasheet HTML 10Page - Advanced Micro Devices PD640G73UI Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
December 13, 2005
Am29PDL640G
5
D A TA SH EE T
PRODUCT SELECTOR GUIDE
BLOCK DIAGRAM
Note:RY/BY# is an open drain output.
Part Number
Am29PDL640G
Speed Option
V
CC, VIO = 2.7–3.1 V
63
73
83
V
CC = 2.7–3.1 V, VIO= 1.65–1.95 V
98
Max Access Time, ns (t
ACC)65
70
85
90
Max CE# Access, ns (t
CE)65
70
85
90
Max Page Access, ns (tPACC)25
25
30
45
Max OE# Access, ns (tOE)25
25
30
45
VCC
VSS
State
Control
Command
Register
PGM Voltage
Generator
VCC Detector
Timer
Erase Voltage
Generator
Input/Output
Buffers
Sector
Switches
Chip Enable
Output Enable
Logic
Y-Gating
Cell Matrix
Y-Decoder
X-Decoder
RESET#
RY/BY# (See Note)
STB
STB
A21–A3
A2–A0
CE#
WE#
DQ15–DQ0
VIO
OE#
Data Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com