Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD640G98UI Datasheet(PDF) 58 Page - Advanced Micro Devices

Part # PD640G98UI
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PD640G98UI Datasheet(HTML) 58 Page - Advanced Micro Devices

Back Button PD640G98UI Datasheet HTML 53Page - Advanced Micro Devices PD640G98UI Datasheet HTML 54Page - Advanced Micro Devices PD640G98UI Datasheet HTML 55Page - Advanced Micro Devices PD640G98UI Datasheet HTML 56Page - Advanced Micro Devices PD640G98UI Datasheet HTML 57Page - Advanced Micro Devices PD640G98UI Datasheet HTML 58Page - Advanced Micro Devices PD640G98UI Datasheet HTML 59Page - Advanced Micro Devices PD640G98UI Datasheet HTML 60Page - Advanced Micro Devices PD640G98UI Datasheet HTML 61Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 58 / 61 page
background image
56
Am29PDL640G
December 13, 2005
D A TA SH EE T
PHYSICAL DIMENSIONS
FBE080—80-Ball Fine-pitch Ball Grid Array 12 x 11 mm package
D
A
A2
eD
D1
E1
SE
SD
eE
0.20 (4X)
A1 CORNER INDEX MARK
A1 CORNER
A1
SEATING PLANE
10
6
7
7
TOP VIEW
SIDE VIEW
BOTTOM VIEW
A
E
B
Z
Z
0.08
Z
0.25
Z
ZA B
φ0.08
φ0.15
M
M
NXOb
A
B
C
D
E
F
G
H
J
K
L
M
7
6
5
4
3
2
1
8
A3-A6, B3-B6,
L3-L6, M3-M6
N/A
10.95 mm x 11.95 mm
PACKAGE
FBE 080
NOM.
---
---
---
1.20
---
0.94
MAX.
10.95 BSC.
11.95 BSC.
12
---
MIN.
0.84
0.20
8.80 BSC.
5.60 BSC.
8
80
0.30
0.35
0.40 BSC.
E
0.25
0.80 BSC.
ME
D
JEDEC
PACKAGE
SYMBOL
A
A2
A1
MD
D1
E
E1
b
N
NOTE
PACKAGE OUTLINE TYPE
ROW MATRIX SIZE E DIRECTION
BALL FOOTPRINT
BALL PITCH
SOLDER BALL PLACEMENT
BODY SIZE
BALL HEIGHT
BODY SIZE
BODY THICKNESS
OVERALL THICKNESS
BALL DIAMETER
ROW MATRIX SIZE D DIRECTION
TOTAL BALL COUNT
BALL FOOTPRINT
DEPOPULATED SOLDER BALLS
e
SD / SE
3150\38.9G
NOTES:
1.
DIMENSIONING AND TOLERANCING PER ASME Y14.5M-1994.
2.
ALL DIMENSIONS ARE IN MILLIMETERS.
3.
BALL POSITION DESIGNATION PER JESD 95-1, SPP-010.
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5.
SYMBOL "MD" IS THE BALL ROW MATRIX SIZE IN THE "D"
DIRECTION. SYMBOL "ME" IS THE BALL COLUMN MATRIX SIZE
IN THE "E" DIRECTION. N IS THE TOTAL NUMBER OF SOLDER
BALLS.
6
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM Z.
7
SD AND SE ARE MEASURED WITH RESPECT TO DATUMS A
AND B AND DEFINE THE POSITION OF THE CENTER SOLDER
BALL IN THE OUTER ROW. WHEN THERE IS AN ODD NUMBER
OF SOLDER BALLS IN THE OUTER ROW PARALLEL TO THE D
OR E DIMENSION, RESPECTIVELY, SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN THE
OUTER ROW, SD OR SE = e/2
8.
"+" IN THE PACKAGE DRAWING INDICATES THE THEORETICAL
CENTER OF DEPOPULATED BALLS.
9
FOR PACKAGE THICKNESS, "A" IS THE CONTROLLING DIMENSION.
10 A1 CORNER TO BE IDENTIFIED BY CHAMFER, INK MARK,
METALLIZED MARKINGS INDENTION OR OTHER MEANS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com