Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP36FSZ Datasheet(PDF) 5 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TMP36FSZ
Description  Scale factor: 10 mV/°C
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TMP36FSZ Datasheet(HTML) 5 Page - Guangdong Youtai Semiconductor Co., Ltd.

  TMP36FSZ Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36FSZ Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36FSZ Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36FSZ Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36FSZ Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36FSZ Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36FSZ Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36FSZ Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36FSZ Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
6
Typical Performance Characteristics
Table 2. Output Voltage versus Temperature
TEMPERATURE (°C)
VOUT (mV)
TEMPERATURE (°C)
VOUT (mV)
-40
100
50
1000
-30
200
60
1100
-20
300
70
1200
-10
400
80
1300
0
500
90
1400
10
600
100
1500
20
700
110
1600
30
800
120
1700
40
900
125
1750
-40
-20
0
20
40
60
80
100
120
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
Sample 1
Sample 2
Sample 3
Sample 4
Sample 5
Sample 6
Sample 7
Sample 8
Temperature(°C)
-40
-20
0
20
40
60
80
100
120
14
16
18
20
22
24
26
28
30
32
Temperature (°C)
VDD = 3V
VDD = 5V
Figure 4. Temperature Error
Figure 5. Supply Current versus Temperature
TMP36
UMW
R
www.umw-ic.com
5
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com