Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS128HE8VKI Datasheet(PDF) 65 Page - Advanced Micro Devices

Part # AM29BDS128HE8VKI
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS128HE8VKI Datasheet(HTML) 65 Page - Advanced Micro Devices

Back Button AM29BDS128HE8VKI Datasheet HTML 61Page - Advanced Micro Devices AM29BDS128HE8VKI Datasheet HTML 62Page - Advanced Micro Devices AM29BDS128HE8VKI Datasheet HTML 63Page - Advanced Micro Devices AM29BDS128HE8VKI Datasheet HTML 64Page - Advanced Micro Devices AM29BDS128HE8VKI Datasheet HTML 65Page - Advanced Micro Devices AM29BDS128HE8VKI Datasheet HTML 66Page - Advanced Micro Devices AM29BDS128HE8VKI Datasheet HTML 67Page - Advanced Micro Devices AM29BDS128HE8VKI Datasheet HTML 68Page - Advanced Micro Devices AM29BDS128HE8VKI Datasheet HTML 69Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 89 page
background image
May 10, 2006 27024B3
Am29BDS128H/Am29BDS640H
63
D A TA
SH EE T
AC CHARACTERISTICS
Note: Figure assumes 6 wait states for initial access and synchronous read. The Set Configuration Register command sequence
has been written with A18=0; device will output RDY with valid data.
1) RDY goes low during the two-cycle latency during a boundary crossing.
2) RDY stays high when a burst sequence crosses no boundaries.
Figure 25.
Standard Handshake Burst Suspend Prior to Initial Access
Note: Figure assumes 6 wait states for initial access and synchronous read. The Set Configuration Register command sequence
has been written with A18=0; device will output RDY with valid data.
1) Burst suspend during the initial synchronous access
2) Burst suspend after one clock cycle following the initial synchronous access
Figure 26.
Standard Handshake Burst Suspend at or after Initial Access
Addresses
A(n)
AVD#
Data(2)
RDY(2)
RDY(1)
tOES
tOES
tCKA
tRACC
tRACC
1
23
4
5
6
7
x+1
x+2
x+3
x+4
x+5
x+6
x
x+7
x+8
OE#
Data(1)
tACC
D(40)
D(3F)
D(n)
D(n+1)
D(n+2)
3F
3F
CLK
D(n)
D(n+1)
D(n+2)
D(n+3)
D(n+4)
D(n+5)
D(n+6)
Suspend
Resume
Addresses
A(n)
AVD#
OE#(1)
Data(1)
Data(2)
OE#(2)
RDY(1)
D(n)
D(n+1)
Suspend
Resume
t
ACC
tRACC
t
OES
t
CKA
D(n)
t
OES
1
23
4
5
6
7
8
9
x
x+1
x+2
x+3
CLK
t
RACC
t
OES
t
RACC
t
CKA
D(n+1)
D(n+2)
D(n)
D(n+1)
tRACC
tRACC
tRACC
t
CKZ
RDY(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com