Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS128HE9VKI Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM29BDS128HE9VKI
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS128HE9VKI Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM29BDS128HE9VKI Datasheet HTML 12Page - Advanced Micro Devices AM29BDS128HE9VKI Datasheet HTML 13Page - Advanced Micro Devices AM29BDS128HE9VKI Datasheet HTML 14Page - Advanced Micro Devices AM29BDS128HE9VKI Datasheet HTML 15Page - Advanced Micro Devices AM29BDS128HE9VKI Datasheet HTML 16Page - Advanced Micro Devices AM29BDS128HE9VKI Datasheet HTML 17Page - Advanced Micro Devices AM29BDS128HE9VKI Datasheet HTML 18Page - Advanced Micro Devices AM29BDS128HE9VKI Datasheet HTML 19Page - Advanced Micro Devices AM29BDS128HE9VKI Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 89 page
background image
14
Am29BDS128H/Am29BDS640H
27024B3 May 10, 2006
D A TA
SH EE T
ICC2 in the “DC Characteristics” section on page 54
represents the active current specification for the write
mode. The AC Characteristics section contains timing
specification tables and timing diagrams for write oper-
ations.
Accelerated Program Operation
The device offers accelerated program operations
through the ACC function. ACC is primarily intended to
allow faster manufacturing throughput at the factory.
If the system asserts VHH on this input, the device auto-
matically enters the aforementioned Unlock Bypass
mode and uses the higher voltage on the input to
reduce the time required for program operations. The
system would use a two-cycle program command
sequence as required by the Unlock Bypass mode.
Removing VHH from the ACC input returns the device
to nor mal operation. Note that sectors must be
unlocked prior to raising ACC to VHH. Note that the
ACC pin must not be at VHH for operations other than
accelerated programming, or device damage may
result. In addition, the ACC pin must not be left floating
or unconnected; inconsistent behavior of the device
may result.
When at VIL, ACC locks all sectors. ACC should be at
VIH for all other conditions.
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification, and sector protection verification,
through identifier codes output from the internal regis-
ter (which is separate from the memory array) on
DQ15–DQ0. This mode is primarily intended for pro-
gramming equipment to automatically match a device
to be programmed with its corresponding program-
ming algorithm. However, the autoselect codes can
also be accessed in-system through the command
register.
When using programming equipment, the autoselect
mode requires VID on address pin A9. Address pins
must be as shown in Table 3, “Autoselect Codes (High
Voltage Method),” on page 15. In addition, when verify-
ing sector protection, the sector address must appear
on the appropriate highest order address bits (see
Table 4, “Am29BDS128H Boot Sector/Sector Block
Addresses for Protection/Unprotection,” on page 16).
Table 3 shows the remaining address bits that are
don’t care. When all necessary bits have been set as
required, the programming equipment may then read
the corresponding identifier code on DQ15–DQ0.
However, the autoselect codes can also be accessed
in-system through the command register, for instances
when the device is erased or programmed in a system
without access to high voltage on the A9 pin. The com-
mand sequence is illustrated in Table 20, “Memory
Array Command Definitions,” on page 46. Note that if a
Bank Address (BA) is asserted during the third write
cycle of the autoselect command, the host system can
read autoselect data that bank and then immediately
read array data from the other bank, without exiting the
autoselect mode.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in Table 20, “Memory
Array Command Definitions,” on page 46. This method
does not require VID. Autoselect mode may only be en-
tered and used when in the asynchronous read mode.
Refer to the “Autoselect Command Sequence” section
on page 36 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com