Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1925993 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1925993
Description  FKIC 2,5/15-ST-5,08-RN - PCB connector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1925993 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1925993 Datasheet HTML 1Page - PHOENIX CONTACT 1925993 Datasheet HTML 2Page - PHOENIX CONTACT 1925993 Datasheet HTML 3Page - PHOENIX CONTACT 1925993 Datasheet HTML 4Page - PHOENIX CONTACT 1925993 Datasheet HTML 5Page - PHOENIX CONTACT 1925993 Datasheet HTML 6Page - PHOENIX CONTACT 1925993 Datasheet HTML 7Page - PHOENIX CONTACT 1925993 Datasheet HTML 8Page - PHOENIX CONTACT 1925993 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Technical data
Product properties
Type
Inverted
Product line
COMBICON Connectors M
Product type
PCB connector
Product family
FKIC 2,5/..-ST-RN
Number of positions
15
Pitch
5.08 mm
Number of connections
15
Number of rows
1
Mounting flange
without
Number of potentials
15
Electrical properties
Nominal current IN
12 A
Nominal voltage UN
320 V
Degree of pollution
3
Contact resistance
1.4 mΩ
Rated voltage (III/3)
320 V
Rated surge voltage (III/3)
4 kV
Rated voltage (III/2)
320 V
Rated surge voltage (III/2)
4 kV
Rated voltage (II/2)
630 V
Rated surge voltage (II/2)
4 kV
Connection data
Connection technology
Type
Inverted
Connector system
COMBICON MSTB 2,5
Nominal cross section
2.5 mm²
Contact connection type
Pin
Interlock
Locking type
Snap-in locking
Mounting flange
Engagement nose
Conductor connection
Connection method
Push-in spring connection
Conductor/PCB connection direction
0 °
Conductor cross section rigid
0.2 mm² ... 2.5 mm²
Conductor cross section flexible
0.2 mm² ... 2.5 mm²
Conductor cross section AWG
24 ... 12
Conductor cross section flexible, with ferrule without plastic
0.25 mm² ... 2.5 mm²
FKIC 2,5/15-ST-5,08-RN - PCB connector
1925993
https://www.phoenixcontact.com/us/products/1925993
Oct 10, 2023, 6:24 AM
Page 2 (13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com