Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV320ML112REF Datasheet(PDF) 58 Page - Advanced Micro Devices

Part # AM29LV320ML112REF
Description  32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV320ML112REF Datasheet(HTML) 58 Page - Advanced Micro Devices

Back Button AM29LV320ML112REF Datasheet HTML 51Page - Advanced Micro Devices AM29LV320ML112REF Datasheet HTML 52Page - Advanced Micro Devices AM29LV320ML112REF Datasheet HTML 53Page - Advanced Micro Devices AM29LV320ML112REF Datasheet HTML 54Page - Advanced Micro Devices AM29LV320ML112REF Datasheet HTML 55Page - Advanced Micro Devices AM29LV320ML112REF Datasheet HTML 56Page - Advanced Micro Devices AM29LV320ML112REF Datasheet HTML 57Page - Advanced Micro Devices AM29LV320ML112REF Datasheet HTML 58Page - Advanced Micro Devices AM29LV320ML112REF Datasheet HTML 59Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 58 / 59 page
background image
56
Am29LV320MH/L
26517B4 January 31, 2007
D A TA
SH EE T
REVISION SUMMARY
Revision A (May 30, 2002)
Initial release as Advance Information data sheet.
Revision A+1 (September 3, 2002)
Mirrorbit 32 Mbit Device Family
Changed the 48-pin TSOP to 40-pin TSOP.
Alternate CE# Controlled Erase and Program
Operations
Added t
RH parameter to table.
Erase and Program Operations
Added t
BUSY parameter to table.
Figure 16. Program Operation Timings
Added RY/BY# to waveform.
TSOP and BGA PIN Capacitance
Added the FBGA package.
Program Suspend/Program Resume Command
Sequence
Changed 15
μs typical to maximum and added 5 μs
typical.
Erase Suspend/Erase Resume Commands
Changed typical from 20
μs to 5 μs and added a maxi-
mum of 20
μs.
Product Selector Guide
Added Note 2.
Ordering Information
Added 101R, 112R, and 120R to Valid Combinations
Table. Added Note 1.
Read-Only Operations, Erase and Program
Operations, Alternate CE# Controlled Erase and
Program Operations,
Added 101R, 112R, and 120R to speed options.
Revision A+2 (November 15, 2002)
Customer Lockable: Secured Silicon Sector NOT
Programmed or Protected At the Factory
Added second bullet and figure.
Product Selector Guide and Read-Only Operations
Added 30 ns to the 112R and 120R to Max page ac-
cess time and Max OE# Access time.
Changed the Chip Enable to Output High Z and Out-
put Enable to Output High Z to 16 ns.
Byte/Word Program Command Sequence, Sector
Erase Command Sequence, and Chip Erase
Command Sequence
Noted that the Secured Silicon Sector, autoselect, and
CFI functions are unavailable when a program or
erase operation is in progress.
Common Flash Memory Interface (CFI)
Changed CFI website address.
DC Characteristics
Added I
LR parameter symbol to table. Removed VIL,
V
IH, VOL, and VOH and replaced with VIL, VIH, VOL, VOH1
and V
OH2. Clarified note #5. Removed note #6.
Read-Only Operations
Added note #3.
Absolute Maximum Rating
Changed the Ambient Temperature with Power Ap-
plied from –55
°C to +125°C to –65°C to +125°C.
Revision A+3 (February 14, 2003)
Distinctive Characteristics
Corrected performance characteristics.
AC Characteristics
Added Note.
Input values in the t
WHWH1 and tWHWH2 parameters in
the Erase and Program Options table that were previ-
ously TBD. Also added notes 5 and 6.
Input values in the t
WHWH1 and tWHWH2 parameters in
the Alternate CE# Controlled Erase and Program Op-
tions table that were previously TBD. Also added notes
5 and 6.
Erase and Programming Performance
Input values into table that were previously TBD.
Added note 3 and 4.
Revision B (May 7, 2003)
Distinctive Characteristics
Added typical active read current.
Global
Converted to full datasheet version. Modified Secured
Silicon Sector Flash Memory Region section to in-
clude ESN references.
DC Characteristics
Corrected typical and maximum values for the I
CC1,
I
CC2, and ICC3.
Erase and Program Operations and Alternate CE#
Controlled Erase and Program Operations
Changed Accelerated Effective Write Buffer Program
Operation value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com