Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2823 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MB2823
Description  Dual 9-bit D-type flip-flop with reset and enable 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2823 Datasheet(HTML) 2 Page - NXP Semiconductors

  MB2823 Datasheet HTML 1Page - NXP Semiconductors MB2823 Datasheet HTML 2Page - NXP Semiconductors MB2823 Datasheet HTML 3Page - NXP Semiconductors MB2823 Datasheet HTML 4Page - NXP Semiconductors MB2823 Datasheet HTML 5Page - NXP Semiconductors MB2823 Datasheet HTML 6Page - NXP Semiconductors MB2823 Datasheet HTML 7Page - NXP Semiconductors MB2823 Datasheet HTML 8Page - NXP Semiconductors MB2823 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors Advanced BiCMOS Products
Product specification
MB2823
Dual 9-bit D-type flip-flop with
reset and enable (3-State)
August 24, 1993
3
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
48, 19
1OE, 2OE
Output enable input (active–Low)
44, 42, 41, 39, 38, 37, 36, 35, 34,
33, 32, 31, 29, 28, 27, 25, 24, 23
1D0-1D8
2D0-2D8
Data inputs
49, 50, 51, 1, 2, 3, 5, 6, 7,
8, 9, 10, 11, 12, 13, 15, 16, 18
1Q0-1Q8
2Q0-2Q8
Data outputs
46, 21
1CP, 2CP
Clock pulse input (active rising edge)
45, 22
1CE, 2CE
Clock enable input (active–Low)
47, 20
1MR, 2MR
Master reset input (active–Low)
4, 17, 30, 43
GND
Ground (0V)
14, 26, 40, 52
VCC
Positive supply voltage
LOGIC DIAGRAM
R
Q
nD
nD0
nQ0
nMR
nOE
R
Q
nD
nD1
nQ1
R
Q
nD
nD2
nQ2
R
Q
nD
nD3
nQ3
R
Q
nD
nD4
nQ4
R
Q
nD
nD5
nQ5
R
Q
nD
nD6
nQ6
R
Q
nD
nD7
nQ7
R
Q
nD
nD8
nQ8
CP
CP
CP
CP
CP
CP
CP
CP
CP
nCP
nCE
LOGIC SYMBOL (IEEE/IEC)
44
49
42
50
41
51
39
1
38
2
37
3
36
5
35
6
2D
1C2
46
G1
45
13
4
7
R
EN
47
48
33
8
32
9
31
10
29
11
28
12
27
13
25
16
24
16
2D
1C2
21
G1
22
23
18
R
EN
20
19



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com